Electronic Components Datasheet Search
  English  ▼

X  

DRV591VFPR Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV591VFPR
Description  3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV591VFPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV591VFPR Datasheet HTML 2Page - Texas Instruments DRV591VFPR Datasheet HTML 3Page - Texas Instruments DRV591VFPR Datasheet HTML 4Page - Texas Instruments DRV591VFPR Datasheet HTML 5Page - Texas Instruments DRV591VFPR Datasheet HTML 6Page - Texas Instruments DRV591VFPR Datasheet HTML 7Page - Texas Instruments DRV591VFPR Datasheet HTML 8Page - Texas Instruments DRV591VFPR Datasheet HTML 9Page - Texas Instruments DRV591VFPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DRV591
SLOS389A – NOVEMBER 2001– REVISED MAY 2002
www.ti.com
6
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
Efficiency
vs Load resistance
2, 3
vs Supply voltage
4
rDS(on)
Drain-source on-state resistance
vs Free-air temperature
5
rDS(on)
Drain source on state resistance
vs Free-air temperature
6
Iq
Supply current
vs Supply voltage
7
PSRR
Power supply rejection ratio
vs Frequency
8, 9
Closed loop response
10, 11
I
Maximum output current
vs Output voltage
12
IO
Maximum output current
vs Ambient temperature
13
VIO
Input offset voltage
Common-mode input voltage
14, 15
TEST SET-UP FOR GRAPHS
The LC output filter used in Figures 2, 3, 8, and 9 is shown below.
C1
C2
OUT+
OUT–
RL
L1
L2
L1, L2 = 10
µH (part number: CDRH104R, manufacturer: Sumida)
C1, C2 = 10
µF (part number: ECJ-4YB1C106K, manufacturer: Panasonic)
Figure 1. LC Output Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com