Electronic Components Datasheet Search
  English  ▼

X  

DRV8256PRGER Datasheet(PDF) 22 Page - Texas Instruments

Part # DRV8256PRGER
Description  DRV8256E/P H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8256PRGER Datasheet(HTML) 22 Page - Texas Instruments

Back Button DRV8256PRGER Datasheet HTML 18Page - Texas Instruments DRV8256PRGER Datasheet HTML 19Page - Texas Instruments DRV8256PRGER Datasheet HTML 20Page - Texas Instruments DRV8256PRGER Datasheet HTML 21Page - Texas Instruments DRV8256PRGER Datasheet HTML 22Page - Texas Instruments DRV8256PRGER Datasheet HTML 23Page - Texas Instruments DRV8256PRGER Datasheet HTML 24Page - Texas Instruments DRV8256PRGER Datasheet HTML 25Page - Texas Instruments DRV8256PRGER Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
7.3.5 Linear Voltage Regulators
A linear voltage regulator is integrated in the device. The DVDD regulator can be used to provide a reference
voltage. DVDD can supply a maximum of 2 mA load. For proper operation, bypass the DVDD pin to GND using
a ceramic capacitor.
The DVDD output is nominally 5-V. When the DVDD LDO current load exceeds 2 mA, the output voltage drops
significantly.
Figure 7-10. Linear Voltage Regulator Block Diagram
If a digital input must be tied permanently high (that is, DECAY or TOFF), tying the input to the DVDD pin instead
of an external regulator is preferred. This method saves power when the VM pin is not applied or in sleep mode:
the DVDD regulator is disabled and current does not flow through the input pulldown resistors. For reference,
logic level inputs have a typical pulldown of 200 kΩ.
The nSLEEP pin cannot be tied to DVDD, else the device will never exit sleep mode.
DRV8256E, DRV8256P
SLOSE50A – APRIL 2020 – REVISED JUNE 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DRV8256E DRV8256P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com