Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DIPWR Datasheet(PDF) 22 Page - Texas Instruments

Part # DRV8300DIPWR
Description  DRV8300: 100-V Three-Phase BLDC Gate Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8300DIPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button DRV8300DIPWR Datasheet HTML 18Page - Texas Instruments DRV8300DIPWR Datasheet HTML 19Page - Texas Instruments DRV8300DIPWR Datasheet HTML 20Page - Texas Instruments DRV8300DIPWR Datasheet HTML 21Page - Texas Instruments DRV8300DIPWR Datasheet HTML 22Page - Texas Instruments DRV8300DIPWR Datasheet HTML 23Page - Texas Instruments DRV8300DIPWR Datasheet HTML 24Page - Texas Instruments DRV8300DIPWR Datasheet HTML 25Page - Texas Instruments DRV8300DIPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
11 Layout
11.1 Layout Guidelines
• Low ESR/ESL capacitors must be connected close to the device between GVDD and GND and between
BSTx and SHx pins to support high peak currents drawn from GVDD and BSTx pins during the turn-on of the
external MOSFETs.
• To prevent large voltage transients at the drain of the top MOSFET, a low ESR electrolytic capacitor and a
good quality ceramic capacitor must be connected between the high side MOSFET drain and ground.
• In order to avoid large negative transients on the switch node (SHx) pin, the parasitic inductances between
the source of the high-side MOSFET and the source of the low-side MOSFET must be minimized.
• In order to avoid unexpected transients, the parasitic inductance of the GHx, SHx, and GLx connections must
be minimized. Minimize the trace length and number of vias wherever possible. Minimum 10 mil and typical
15 mil trace width is recommended.
• Resistance between DT and GND must be place as close as possible to device
• Place the gate driver as close to the MOSFETs as possible. Confine the high peak currents that charge
and discharge the MOSFET gates to a minimal physical area by reducing trace length. This confinement
decreases the loop inductance and minimize noise issues on the gate terminals of the MOSFETs.
• In QFN package device variants, NC pins can be connected to GND to increase ground conenction between
thermal pad and external ground plane.
• Refer to sections General Routing Techniques and MOSFET Placement and Power Stage Routing in
Application Report
11.2 Layout Example
GVDD capacitor
close to device
DT resistor
close to device
BSTx capacitor close
to device
DRV8300
SLVSFG5D – SEPTEMBER 2020 – REVISED MARCH 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com