Electronic Components Datasheet Search
  English  ▼

X  

INA2126 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA2126
Description  INAx126 MicroPower Instrumentation Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2126 Datasheet(HTML) 3 Page - Texas Instruments

  INA2126 Datasheet HTML 1Page - Texas Instruments INA2126 Datasheet HTML 2Page - Texas Instruments INA2126 Datasheet HTML 3Page - Texas Instruments INA2126 Datasheet HTML 4Page - Texas Instruments INA2126 Datasheet HTML 5Page - Texas Instruments INA2126 Datasheet HTML 6Page - Texas Instruments INA2126 Datasheet HTML 7Page - Texas Instruments INA2126 Datasheet HTML 8Page - Texas Instruments INA2126 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
5 Pin Configuration and Functions
R
G
V
–
IN
V
+
IN
V–
R
G
V+
V
O
Ref
1
2
3
4
8
7
6
5
Figure 5-1. INA126: P (8-Pin PDIP), D (8-Pin SOIC), and DGK (8-Pin VSSOP) Packages, Top View
Table 5-1. Pin Functions: INA126
PIN
I/O
DESCRIPTION
NO.
NAME
1, 8
RG
—
Gain setting pin. For gains greater than 5 place a gain resistor between pin 1 and pin 8.
2
V–IN
I
Negative input
3
V+IN
I
Positive input
4
V–
—
Negative supply
5
Ref
I
Reference input. This pin must be driven by a low impedance or connected to ground.
6
VO
O
Output
7
V+
—
Positive supply
www.ti.com
INA126, INA2126
SBOS062C – SEPTEMBER 2000 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA126 INA2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com