Electronic Components Datasheet Search
  English  ▼

X  

INA818 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA818
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA818 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA818 Datasheet HTML 5Page - Texas Instruments INA818 Datasheet HTML 6Page - Texas Instruments INA818 Datasheet HTML 7Page - Texas Instruments INA818 Datasheet HTML 8Page - Texas Instruments INA818 Datasheet HTML 9Page - Texas Instruments INA818 Datasheet HTML 10Page - Texas Instruments INA818 Datasheet HTML 11Page - Texas Instruments INA818 Datasheet HTML 12Page - Texas Instruments INA818 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, VCM = VS / 2, and G = 1 (unless otherwise noted)
Frequency (Hz)
1
10
1k
100
1k
100
10
1
10k
G = 1 V/V
G = 10 V/V
100
10
1
0.1
Current Noise
G = 100 V/V, 1000 V/V
Figure 7-7. Input-Referred Noise vs Frequency
Gain (V/V)
100
10
1
1
10
100
1000
0.01%
0.1%
Figure 7-8. Settling Time vs Gain
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
0.55
0.575
0.6
0.625
0.65
0.675
0.7
0.725
0.75
0.775
0.8
0.825
0.85
Unit 1
Unit 2
Figure 7-9. Quiescent Current vs Temperature
-20
-15
-10
-5
0
5
10
15
20
±10
±8
±6
±4
±2
0
2
4
6
8
10
±40
±30
±20
±10
0
10
20
30
40
Input Voltage (V)
Input Current
Output Voltage
C015
Figure 7-10. Input Overvoltage V/I Characteristics
Figure 7-11. Input Offset Voltage Warm-Up
2
1
0
0
25
50
75
100
125
I
OS
I
B
−25
−50
−75
−1
−2
Temperature (°C)
Typical IB and IOS
Range ±2nA at 25°C
Figure 7-12. Input Bias Current vs Temperature
www.ti.com
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com