Electronic Components Datasheet Search
  English  ▼

X  

INA2126E/2K5 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA2126E/2K5
Description  INAx126 MicroPower Instrumentation Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2126E/2K5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA2126E/2K5 Datasheet HTML 3Page - Texas Instruments INA2126E/2K5 Datasheet HTML 4Page - Texas Instruments INA2126E/2K5 Datasheet HTML 5Page - Texas Instruments INA2126E/2K5 Datasheet HTML 6Page - Texas Instruments INA2126E/2K5 Datasheet HTML 7Page - Texas Instruments INA2126E/2K5 Datasheet HTML 8Page - Texas Instruments INA2126E/2K5 Datasheet HTML 9Page - Texas Instruments INA2126E/2K5 Datasheet HTML 10Page - Texas Instruments INA2126E/2K5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
6.6 Electrical Characteristics
at TA = 25°C, VS = ±15 V, RL = 25 kΩ, VREF = 0 V, and VCM = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOS
Offset voltage (RTI)
INA126P/U/E
INA2126P/U/E
±100
±250
µV
INA126PA/UA/EA
INA2126PA/UA/EA
±150
±500
Offset voltage drift (RTI)
TA = –40°C to +85°C
INA126P/U/E
INA2126P/U/E
±0.5
±3
µV/°C
INA126PA/UA/EA
INA2126PA/UA/EA
±0.5
±5
PSRR
Power-supply rejection ratio
(RTI)
VS = ±1.35 V to ±18 V
INA126P/U/E
INA2126P/U/E
±5
±15
uV/V
INA126PA/UA/EA
INA2126PA/UA/EA
±5
±50
Input impedance
1 || 4
GΩ || pF
Safe input voltage
RS = 0 Ω
(V–) – 0.5
(V+) + 0.5
V
RS = 1 kΩ
(V–) – 10
(V+) + 10
VCM
Common-mode voltage(1)
–11.25
±11.5
11.25
V
Channel seperation (dual)
G = 5, dc
130
dB
CMRR
Common-mode rejection ratio RS = 0 Ω, VCM = ±11.25 V
INA126P
INA2126P
83
94
dB
INA126U/E
INA2126U/E
80
94
INA126PA/UA/EA
INA2126PA/UA/EA
74
83
INPUT BIAS CURRENT
IB
Input bias current
INA126P/U/E
INA2126P/U/E
±10
±25
nA
INA126PA/UA/EA
INA2126PA/UA/EA
±10
±50
Input bias current drift
TA = –40°C to +85°C
±30
pA/
℃
IOS
Input offset current
INA126P/U/E
INA2126P/U/E
±0.5
±2
nA
INA126PA/UA/EA
INA2126PA/UA/EA
±0.5
±5
nA
Input offset current drift
TA = –40°C to +85°C
±10
pA/
℃
GAIN
Gain equation
5 + (80 kΩ / RG)
V/V
G
Gain
5
10000
V/V
GE
Gain error
G = 5 , VO = ±14 V
INA126P/U/E
INA2126P/U/E
±0.02
±0.1
%
INA126PA/UA/EA
INA2126PA/UA/EA
±0.02
±0.18
G = 100, VO = ±12 V
INA126P/U/E
INA2126P/U/E
±0.2
±0.5
INA126PA/UA/EA
INA2126PA/UA/EA
±0.2
±1
Gain drift(2)
TA = –40°C to +85°C
G = 5
±2
±10
ppm/°C
G = 100
±25
±100
Gain nonlinearity
G = 100, VO = ±14 V
±0.002
±0.012
%
www.ti.com
INA126, INA2126
SBOS062C – SEPTEMBER 2000 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA126 INA2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com