Electronic Components Datasheet Search
  English  ▼

X  

INA149AIDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA149AIDRG4
Description  High Common-Mode Voltage Difference Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA149AIDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA149AIDRG4 Datasheet HTML 3Page - Texas Instruments INA149AIDRG4 Datasheet HTML 4Page - Texas Instruments INA149AIDRG4 Datasheet HTML 5Page - Texas Instruments INA149AIDRG4 Datasheet HTML 6Page - Texas Instruments INA149AIDRG4 Datasheet HTML 7Page - Texas Instruments INA149AIDRG4 Datasheet HTML 8Page - Texas Instruments INA149AIDRG4 Datasheet HTML 9Page - Texas Instruments INA149AIDRG4 Datasheet HTML 10Page - Texas Instruments INA149AIDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
−10
−8
−6
−4
−2
0
2
4
6
8
10
−12 −10 −8
−6
−4
−2
0
2
4
6
8
10
12
Output Voltage (V)
VS = ±12 V
RL = 10 kΩ
G062
−20
−15
−10
−5
0
5
10
15
20
0
5
10
15
20
25
30
35
Output Current (mA)
−45°C
+25°C
+85°C
+130°C
G017
−10
−8
−6
−4
−2
0
2
4
6
8
10
−12 −10 −8
−6
−4
−2
0
2
4
6
8
10
12
Output Voltage (V)
VS = ±15 V
RL = 2 kΩ
G015
−10
−8
−6
−4
−2
0
2
4
6
8
10
−12 −10 −8
−6
−4
−2
0
2
4
6
8
10
12
Output Voltage (V)
VS = ±15 V
RL = 1 kΩ
G016
−5
−4
−3
−2
−1
0
1
2
3
4
5
Output Voltage (V)
VS = ±5 V
VS = ±5 V
VS = ±5 V
VS = ±2.5 V
RL = 10 kΩ
RL = 2 kΩ
RL = 1 kΩ
RL = 1 kΩ
G006
−10
−8
−6
−4
−2
0
2
4
6
8
10
−12 −10 −8
−6
−4
−2
0
2
4
6
8
10
12
Output Voltage (V)
VS = ±15 V
RL = 10 kΩ
G014
INA149
www.ti.com
SBOS579B – SEPTEMBER 2011 – REVISED JULY 2012
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 2 kΩ connected to ground, and VS = ±15 V, unless otherwise noted.
TYPICAL GAIN ERROR FOR LOW SUPPLY VOLTAGES
(Curves Offset for Clarity)
GAIN NONLINEARITY
Figure 7.
Figure 8.
GAIN NONLINEARITY
GAIN NONLINEARITY
Figure 9.
Figure 10.
GAIN NONLINEARITY
OUTPUT VOLTAGE vs LOAD CURRENT
Figure 11.
Figure 12.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): INA149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com