Electronic Components Datasheet Search
  English  ▼

X  

INA180A2 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA180A2
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA180A2 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA180A2 Datasheet HTML 12Page - Texas Instruments INA180A2 Datasheet HTML 13Page - Texas Instruments INA180A2 Datasheet HTML 14Page - Texas Instruments INA180A2 Datasheet HTML 15Page - Texas Instruments INA180A2 Datasheet HTML 16Page - Texas Instruments INA180A2 Datasheet HTML 17Page - Texas Instruments INA180A2 Datasheet HTML 18Page - Texas Instruments INA180A2 Datasheet HTML 19Page - Texas Instruments INA180A2 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
8 Detailed Description
8.1 Overview
The INA180, INA2180, and INA4180 (INAx180) are 26-V, common-mode, current-sensing amplifiers used in
both low-side and high-side configurations. These specially-designed, current-sensing amplifiers accurately
measures voltages developed across current-sensing resistors on common-mode voltages that far exceed the
supply voltage powering the device. Current can be measured on input voltage rails as high as 26 V, and the
devices can be powered from supply voltages as low as 2.7 V.
8.2 Functional Block Diagrams
IN±
IN+
GND
VS
OUT
Single-Channel
TI Device
+
±
Figure 8-1. INA180 Functional Block Diagram
IN±2
IN+2
VS
OUT2
IN±1
IN+1
OUT1
+
±
GND
+
±
Dual-Channel
TI Device
Figure 8-2. INA2180 Functional Block Diagram
INA180, INA2180, INA4180
SBOS741H – APRIL 2017 – REVISED JULY 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA180 INA2180 INA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com