Electronic Components Datasheet Search
  English  ▼

X  

INA188IDRJR Datasheet(PDF) 13 Page - Texas Instruments

Part # INA188IDRJR
Description  INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA188IDRJR Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA188IDRJR Datasheet HTML 9Page - Texas Instruments INA188IDRJR Datasheet HTML 10Page - Texas Instruments INA188IDRJR Datasheet HTML 11Page - Texas Instruments INA188IDRJR Datasheet HTML 12Page - Texas Instruments INA188IDRJR Datasheet HTML 13Page - Texas Instruments INA188IDRJR Datasheet HTML 14Page - Texas Instruments INA188IDRJR Datasheet HTML 15Page - Texas Instruments INA188IDRJR Datasheet HTML 16Page - Texas Instruments INA188IDRJR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Time (µs)
0
50
100
150
200
250
300
350
400
-6
-4
-2
0
2
4
6
D001
Time (µs)
0
50
100
150
200
250
300
350
400
-6
-4
-2
0
2
4
6
D001
Frequency (Hz)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
35
10
100
1k
10k
100k
D001
VS = 30 V
VS = 4 V
Time (s/div)
0
1
2
3
4
5
6
7
8
9
10
-10
-8
-6
-4
-2
0
2
4
6
8
10
Time (s/div)
0
1
2
3
4
5
6
7
8
9
10
-200
-160
-120
-80
-40
0
40
80
120
160
200
Frequency (Hz)
400
420
440
460
480
500
520
540
560
580
600
620
640
660
680
700
10
100
1k
10k
100k
G = 1
G = 10
G = 100
G = 1000
13
INA188
www.ti.com
SBOS632 – SEPTEMBER 2015
Product Folder Links: INA188
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = midsupply, and G = 1, unless otherwise noted.
G = 1000
Figure 25. 0.1-Hz to 10-Hz RTI Voltage Noise
Figure 26. Current Noise Spectral Density vs Frequency
Figure 27. 0.1-Hz to 10-Hz RTI Current Noise
Figure 28. Large-Signal Response vs Frequency
RL = 10 kΩ, CL = 100 pF, G = 1
Figure 29. Large-Signal Pulse Response
RL = 10 kΩ, CL = 100 pF, G = 10
Figure 30. Large-Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com