Electronic Components Datasheet Search
  English  ▼

X  

INA206 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA206
Description  INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA206 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA206 Datasheet HTML 13Page - Texas Instruments INA206 Datasheet HTML 14Page - Texas Instruments INA206 Datasheet HTML 15Page - Texas Instruments INA206 Datasheet HTML 16Page - Texas Instruments INA206 Datasheet HTML 17Page - Texas Instruments INA206 Datasheet HTML 18Page - Texas Instruments INA206 Datasheet HTML 19Page - Texas Instruments INA206 Datasheet HTML 20Page - Texas Instruments INA206 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
INA206
x20
Load
5V Supply
V
S
OUT
CMP1 IN+
CMP2 IN–
CMP2 IN+/0.6 REF
GND
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1RESET
1.2V REF
Transparent/Reset
Latch
V < 11.2V
Load Supply
–18V to +80V
Current Shunt
Monitor Output
CMP1 IN–/0.6 REF
C
0.01 F
BYPASS
µ
V
IN+
V
IN–
R
SHUNT
R
4.7k
PULL-UP
W
R
4.7k
PULL-UP
W
Optional Delay
Capacitor
0.2 F
µ
20kW
20kW
CMP2 IN+
CMP1 IN–
1.2V
i
1mA
£
INA206, INA207, INA208
www.ti.com
SBOS360F – JUNE 2006 – REVISED NOVEMBER 2015
Feature Description (continued)
It is important to note what will happen if events occur more rapidly than the delay timeout; for example, when
the U1 output goes high (turning on I2), but returns low (turning I1 back on) prior to reaching the 0.6-V transition
for U2. The voltage at U2 +IN ramps back down at a rate determined by the value of CDELAY, and only returns to
zero if given sufficient time.
In essence, when analyzing Comparator 2 for behavior with events more rapid than its delay setting, use the
model shown in Figure 30.
8.3.5 Comparator Maximum Input Voltage Range
The maximum voltage at the comparator input for normal operation is up to (Vs) – 1.5 V. There are special
considerations when overdriving the reference inputs (pins 3 and 6). Driving either or both inputs high enough to
drive 1 mA back into the reference introduces errors into the reference. Figure 33 shows the basic input
structure. A general guideline is to limit the voltage on both inputs to a total of 20 V. The exact limit depends on
the available voltage and whether either or both inputs are subject to the large voltage. When making this
determination, consider the 20 k
Ω from each input back to the comparator. Figure 34 shows the maximum input
voltage that avoids creating a reference error when driving both inputs (an equivalent resistance back into the
reference of 10 k
Ω.
Figure 33. Limit Current Into Reference
≤ 1 mA
Figure 34. Overdriving Comparator Inputs Without Generating a Reference Error
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: INA206 INA207 INA208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com