Electronic Components Datasheet Search
  English  ▼

X  

INA190A1IRSWR Datasheet(PDF) 8 Page - Texas Instruments

Part # INA190A1IRSWR
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190A1IRSWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA190A1IRSWR Datasheet HTML 4Page - Texas Instruments INA190A1IRSWR Datasheet HTML 5Page - Texas Instruments INA190A1IRSWR Datasheet HTML 6Page - Texas Instruments INA190A1IRSWR Datasheet HTML 7Page - Texas Instruments INA190A1IRSWR Datasheet HTML 8Page - Texas Instruments INA190A1IRSWR Datasheet HTML 9Page - Texas Instruments INA190A1IRSWR Datasheet HTML 10Page - Texas Instruments INA190A1IRSWR Datasheet HTML 11Page - Texas Instruments INA190A1IRSWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Frequency (Hz)
40
60
80
100
120
140
160
10
100
1k
10k
100k
1M
D021
Output Current (mA)
0
1
2
3
4
5
6
7
8
9
10
11
Vs
Vs-0.4
Vs-0.8
GND
GND+0.4
GND+0.8
D010
-40°C
25°C
125°C
Frequency (Hz)
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
D020
Frequency (Hz)
-20
-10
0
10
20
30
40
50
60
10
100
1k
10k
100k
1M
D019
A1
A2
A3
A4
A5
Gain Error (%)
D017
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-0.2
-0.16
-0.12
-0.08
-0.04
0
0.04
0.08
0.12
0.16
0.2
D018
8
INA190
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 1.8 V, VIN+ = 12 V, VREF = VS / 2, VENABLE = VS, and for all gain options (unless otherwise noted)
A5 devices
Figure 7. Gain Error Production Distribution
Figure 8. Gain Error vs Temperature
VS = 5 V
Figure 9. Gain vs Frequency
VS = 5 V
Figure 10. Power-Supply Rejection Ratio vs Frequency
A3 devices
Figure 11. Common-Mode Rejection Ratio vs Frequency
VS = 1.8 V
Figure 12. Output Voltage Swing vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com