Electronic Components Datasheet Search
  English  ▼

X  

INA181A2IDBVT Datasheet(PDF) 27 Page - Texas Instruments

Part # INA181A2IDBVT
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181A2IDBVT Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA181A2IDBVT Datasheet HTML 23Page - Texas Instruments INA181A2IDBVT Datasheet HTML 24Page - Texas Instruments INA181A2IDBVT Datasheet HTML 25Page - Texas Instruments INA181A2IDBVT Datasheet HTML 26Page - Texas Instruments INA181A2IDBVT Datasheet HTML 27Page - Texas Instruments INA181A2IDBVT Datasheet HTML 28Page - Texas Instruments INA181A2IDBVT Datasheet HTML 29Page - Texas Instruments INA181A2IDBVT Datasheet HTML 30Page - Texas Instruments INA181A2IDBVT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
8.1.4 Summing Multiple Currents
The outputs of the INA2181 are easily summed by connecting the output of one channel to the reference input of
a second channel. The circuit configuration shown in Figure 8-3 is an easy method to achieve current summing.
To correctly sum multiple output currents, the values for the current sense resistor RSENSE must be the same for
all channels.
Power
Supply
LOAD1
IN+1
IN±1
OUT1
GND
Dual-Channel
TI Device
IN±2
IN+2
OUT2
REF1
REF2
VOUT2 = (ILOAD1 + ILOAD2) × RSENSE × GAIN
LOAD2
RSENSE
RSENSE
+
±
+
±
ADC
Figure 8-3. Summing Multiple Currents
Connect the output of one channel of the INA2181 to the reference input of the other channel. Use the reference
input of the first circuit to set the reference of the final summed output operating point. The currents sensed at
each circuit in the chain are summed at the output of the last device in the chain.
www.ti.com
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: INA181 INA2181 INA4181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com