Electronic Components Datasheet Search
  English  ▼

X  

LM109 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM109
Description  LM109/LM309 5-Volt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM109 Datasheet(HTML) 4 Page - Texas Instruments

  LM109 Datasheet HTML 1Page - Texas Instruments LM109 Datasheet HTML 2Page - Texas Instruments LM109 Datasheet HTML 3Page - Texas Instruments LM109 Datasheet HTML 4Page - Texas Instruments LM109 Datasheet HTML 5Page - Texas Instruments LM109 Datasheet HTML 6Page - Texas Instruments LM109 Datasheet HTML 7Page - Texas Instruments LM109 Datasheet HTML 8Page - Texas Instruments LM109 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Application Hints
1.
Bypass the input of the LM109 to ground with
≥ 0.2 µF
ceramic or solid tantalum capacitor if main filter capaci-
tor is more than 4 inches away.
2.
Avoid insertion of regulator into “live” socket if input
voltage is greater than 10V. The output will rise to within
2V of the unregulated input if the ground pin does not
make contact, possibly damaging the load. The LM109
may also be damaged if a large output capacitor is
charged up, then discharged through the internal clamp
zener when the ground pin makes contact.
3.
The output clamp zener is designed to absorb tran-
sients only. It will not clamp the output effectively if a
failure occurs in the internal power transistor structure.
Zener dynamic impedance is
≈ 4Ω. Continuous RMS
current into the zener should not exceed 0.5A.
4.
Paralleling of LM109s for higher output current is not
recommended. Current sharing will be almost nonexist-
ent, leading to a current limit mode operation for devices
with the highest initial output voltage. The current limit
devices may also heat up to the thermal shutdown point
(
≈ 175˚C). Long term reliability cannot be guaranteed
under these conditions.
5.
Preventing latchoff for loads connected to negative
voltage:
If the output of the LM109 is pulled negative by a high
current supply so that the output pin is more than 0.5V
negative with respect to the ground pin, the LM109 can latch
off. This can be prevented by clamping the ground pin to the
output pin with a germanium or Schottky diode as shown. A
silicon diode (1N4001) at the output is also needed to keep
the positive output from being pulled too far negative. The
10
Ω resistor will raise +V
OUT by ≈ 0.05V.
Crowbar Overvoltage Protection
Typical Performance Characteristics
DS007138-7
Input Crowbar
DS007138-8
Output Crowbar
DS007138-9
*Zener is internal to LM109.
**Q1 must be able to withstand 7A continuous current if fusing is not used
at regulator input. LM109 bond wires will fuse at currents above 7A.
†Q2 is selected for surge capability. Consideration must be given to filter
capacitor size, transformer impedance, and fuse blowing time.
††Trip point is
≈ 7.5V.
Maximum Average
Power Dissipation (LM109K)
DS007138-16
Maximum Average
Power Dissipation (LM309K)
DS007138-17
Output Impedance
DS007138-18
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com