Electronic Components Datasheet Search
  English  ▼

X  

LM309 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM309
Description  LM109/LM309 5-Volt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM309 Datasheet(HTML) 2 Page - Texas Instruments

  LM309 Datasheet HTML 1Page - Texas Instruments LM309 Datasheet HTML 2Page - Texas Instruments LM309 Datasheet HTML 3Page - Texas Instruments LM309 Datasheet HTML 4Page - Texas Instruments LM309 Datasheet HTML 5Page - Texas Instruments LM309 Datasheet HTML 6Page - Texas Instruments LM309 Datasheet HTML 7Page - Texas Instruments LM309 Datasheet HTML 8Page - Texas Instruments LM309 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LM109/LM309
5-Volt Regulator
General Description
The LM109 series are complete 5V regulators fabricated on
a single silicon chip. They are designed for local regulation
on digital logic cards, eliminating the distribution problems
association with single-point regulation. The devices are
available in two standard transistor packages. In the
solid-kovar TO-5 header, it can deliver output currents in
excess of 200 mA, if adequate heat sinking is provided. With
the TO-3 power package, the available output current is
greater than 1A.
The regulators are essentially blowout proof. Current limiting
is included to limit the peak output current to a safe value. In
addition, thermal shutdown is provided to keep the IC from
overheating. If internal dissipation becomes too great, the
regulator will shut down to prevent excessive heating.
Considerable effort was expended to make these devices
easy to use and to minimize the number of external compo-
nents. It is not necessary to bypass the output, although this
does improve transient response somewhat. Input bypass-
ing is needed, however, if the regulator is located very far
from the filter capacitor of the power supply. Stability is also
achieved by methods that provide very good rejection of load
or line transients as are usually seen with TTL logic.
Although designed primarily as a fixed-voltage regulator, the
output of the LM109 series can be set to voltages above 5V,
as shown. It is also possible to use the circuits as the control
element in precision regulators, taking advantage of the
good current-handling capability and the thermal overload
protection.
Features
n
Specified to be compatible, worst case, with TTL and
DTL
n
Output current in excess of 1A
n
Internal thermal overload protection
n
No external components required
Schematic Diagram
DS007138-1
April 1998
© 2001 National Semiconductor Corporation
DS007138
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com