Electronic Components Datasheet Search
  English  ▼

X  

LM185QML Datasheet(PDF) 16 Page - Texas Instruments

Part # LM185QML
Description  LM185QML Adjustable Micropower Voltage References
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM185QML Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM185QML Datasheet HTML 10Page - Texas Instruments LM185QML Datasheet HTML 11Page - Texas Instruments LM185QML Datasheet HTML 12Page - Texas Instruments LM185QML Datasheet HTML 13Page - Texas Instruments LM185QML Datasheet HTML 14Page - Texas Instruments LM185QML Datasheet HTML 15Page - Texas Instruments LM185QML Datasheet HTML 16Page - Texas Instruments LM185QML Datasheet HTML 17Page - Texas Instruments LM185QML Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(8X .050 )
[1.27]
(R.002 ) TYP
[0.05]
.003 MIN
[0.07]
ALL AROUND
.003 MAX
[0.07]
ALL AROUND
(10X .090 )
[2.29]
(10X .027 )
[0.69]
(.37 )
[9.4]
CFP - 2.33mm max height
NAC0010A
CERAMIC FLATPACK
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 7X
4215196/D 08/2022
NON SOLDERMASK
DEFINED
METAL
OPENING
SOLDERMASK
EXPOSED
METAL
SOLDERMASK
DEFINED
SOLDERMASK
OPENING
SOLDER MASK
METAL UNDER
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com