Electronic Components Datasheet Search
  English  ▼

X  

LM224K Datasheet(PDF) 2 Page - Texas Instruments

Part # LM224K
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM224K Datasheet(HTML) 2 Page - Texas Instruments

  LM224K Datasheet HTML 1Page - Texas Instruments LM224K Datasheet HTML 2Page - Texas Instruments LM224K Datasheet HTML 3Page - Texas Instruments LM224K Datasheet HTML 4Page - Texas Instruments LM224K Datasheet HTML 5Page - Texas Instruments LM224K Datasheet HTML 6Page - Texas Instruments LM224K Datasheet HTML 7Page - Texas Instruments LM224K Datasheet HTML 8Page - Texas Instruments LM224K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Related Products............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................6
6.4 Thermal Information....................................................6
6.5 Electrical Characteristics for LM324B and
LM324BA.......................................................................7
6.6 Electrical Characteristics for LM2902B and
LM2902BA.....................................................................9
6.7 Electrical Characteristics for LM324, LM324K,
LM224, LM224K, and LM124...................................... 11
6.8 Electrical Characteristics for LM2902, LM2902K,
LM2902KV and LM2902KAV.......................................12
6.9 Electrical Characteristics for LM324A,
LM324KA, LM224A, LM224KA, and LM124A............. 13
6.10 Operating Conditions.............................................. 13
6.11 Typical Characteristics: LM324B and LM2902B..... 14
6.12 Typical Characteristics: All Devices Except B
and BA Versions..........................................................20
7 Parameter Measurement Information.......................... 21
8 Detailed Description......................................................21
8.1 Overview................................................................... 21
8.2 Functional Block Diagram......................................... 22
8.3 Feature Description...................................................23
8.4 Device Functional Modes..........................................23
9 Application and Implementation.................................. 24
9.1 Application Information............................................. 24
9.2 Typical Application.................................................... 24
9.3 Power Supply Recommendations.............................25
9.4 Layout....................................................................... 26
10 Device and Documentation Support..........................27
10.1 Receiving Notification of Documentation Updates..27
10.2 Support Resources................................................. 27
10.3 Trademarks.............................................................27
10.4 Electrostatic Discharge Caution..............................27
10.5 Glossary..................................................................27
11 Revision History.......................................................... 27
12 Mechanical, Packaging, and Orderable
Information.................................................................... 29
4 Related Products
SPECIFICATION
LM324B
LM324BA
LM2902B
LM2902BA
LM324
LM324A
LM324K
LM324KA
LM2902
LM2902K
LM2902KV
LM2902KAV
LM224
LM224A
LM224K
LM224KA
LM124
LM124A
UNIT
Supply voltage
3 to 36
3 to 36
3 to 30
3 to 30
3 to 26
3 to 26 (K)
3 to 30 (KV,
KAV)
3 to 30
3 to 30
3 to 30
V
Offset voltage (max, 25°C)
± 3
± 2
± 3
± 2
± 7
± 3
± 7
± 3
± 7
± 7 (K, KV)
± 2 (KAV)
± 5
± 3
± 5
± 3
± 5
± 2
mV
Input bias current at 25 °C
(typ / max)
10 / 35
10 / 35
20 / 250
15 / 100
20 / 250
15 / 100
20 / 250
20 / 250
20 / 150
15 / 80
20 / 150
15 / 80
20 / 150
– / 50
nA
ESD (HBM)
2000
2000
500
2000
500
2000
500
2000
500
V
Operating ambient
temperature
−40 to +85
−40 to +125
0 to 70
0 to 70
−40 to +125
−40 to +125
−25 to +85 −25 to +85 −55 to +125
°C
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324BA, LM324K, LM324KA
LM2902, LM2902B, LM2902BA, LM2902K, LM2902KAV, LM2902KV
SLOS066AE – AUGUST 1975 – REVISED SEPTEMBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324BA LM324K LM324KA LM2902
LM2902B LM2902BA LM2902K LM2902KAV LM2902KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com