Electronic Components Datasheet Search
  English  ▼

X  

INA190 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA190
Description  INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA190 Datasheet HTML 13Page - Texas Instruments INA190 Datasheet HTML 14Page - Texas Instruments INA190 Datasheet HTML 15Page - Texas Instruments INA190 Datasheet HTML 16Page - Texas Instruments INA190 Datasheet HTML 17Page - Texas Instruments INA190 Datasheet HTML 18Page - Texas Instruments INA190 Datasheet HTML 19Page - Texas Instruments INA190 Datasheet HTML 20Page - Texas Instruments INA190 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Another use for the REF pin in unidirectional operation is to level shift the output voltage. Figure 7-3 shows an
application where the device ground is set to a negative voltage so currents biased to negative supplies, as seen
in optical networking cards, can be measured. The GND of the INA190-Q1 can be set to negative voltages, as
long as the inputs do not violate the common-mode range specification and the voltage difference between vs.
and GND does not exceed 5.5 V. In this example, the output of the INA190-Q1 is fed into a positive-biased ADC.
By grounding the REF pin, the voltages at the output will be positive and not damage the ADC. To make sure
the output voltage never goes negative, the supply sequencing must be the positive supply first, followed by the
negative supply.
+ 1.8 V
IN-
IN+
VS
OUT
+
±
-3.3 V
RSENSE
Capacitively
Coupled
Amplifier
INA190-Q1
REF
GND
- 3.3 V
ADC
CBYPASS
0.1 µF
Load
Figure 7-3. Using the REF Pin to Level-Shift Output Voltage
www.ti.com
INA190-Q1
SBOS871A – MAY 2019 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA190-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com