Electronic Components Datasheet Search
  English  ▼

X  

LM1902K Datasheet(PDF) 8 Page - Texas Instruments

Part # LM1902K
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1902K Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM1902K Datasheet HTML 4Page - Texas Instruments LM1902K Datasheet HTML 5Page - Texas Instruments LM1902K Datasheet HTML 6Page - Texas Instruments LM1902K Datasheet HTML 7Page - Texas Instruments LM1902K Datasheet HTML 8Page - Texas Instruments LM1902K Datasheet HTML 9Page - Texas Instruments LM1902K Datasheet HTML 10Page - Texas Instruments LM1902K Datasheet HTML 11Page - Texas Instruments LM1902K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
6.5 Electrical Characteristics for LM324B and LM324BA (continued)
for VS = (V+) – (V–) = 5V to 36V (±2.5V to ±18V), at TA = 25°C, VCM = VOUT = VS / 2, and RL = 10k connected to VS / 2
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VO
Voltage output swing from
rail
Positive rail (V+)
IOUT = –50µA
1.35
1.5
V
IOUT = –1mA
1.4
1.6
IOUT = –5mA
1.5
1.75
Negative rail (V–)
IOUT = 50µA
100
150
mV
IOUT = 1mA
0.75
1
V
VS = 5V, RL ≤ 10kΩ connected to (V–),
TA = –40°C to +85°C
5
20
mV
IO
Output current
Source, VS = 15V, VO = V–, VID = 1V
–20(1)
–30
mA
TA = –40°C to +85°C
–10(1)
Sink, VS = 15V, VO = V+, VID = –1V
10(1)
20
TA = –40°C to +85°C
5(1)
VID = –1V, VO = (V–) + 200mV
50
85
μA
ISC
Short-circuit current
VS = 20V, (V+) = 10V, (V–) = –10V, VO = 0V
±40
±60
mA
CLOAD
Capacitive load drive
100
pF
RO
Open-loop output
impedance
f = 1MHz, IO = 0A
300
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
VS = 5V, IO = 0A, TA = –40°C to +85°C
240
300
μA
VS = 36V, IO = 0A, TA = –40°C to +85°C
350
750
(1)
Specified by design and characterization only.
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324BA, LM324K, LM324KA
LM2902, LM2902B, LM2902BA, LM2902K, LM2902KAV, LM2902KV
SLOS066AE – AUGUST 1975 – REVISED SEPTEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324BA LM324K LM324KA LM2902
LM2902B LM2902BA LM2902K LM2902KAV LM2902KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com