Electronic Components Datasheet Search
  English  ▼

X  

LM224ADR Datasheet(PDF) 16 Page - Texas Instruments

Part # LM224ADR
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM224ADR Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM224ADR Datasheet HTML 12Page - Texas Instruments LM224ADR Datasheet HTML 13Page - Texas Instruments LM224ADR Datasheet HTML 14Page - Texas Instruments LM224ADR Datasheet HTML 15Page - Texas Instruments LM224ADR Datasheet HTML 16Page - Texas Instruments LM224ADR Datasheet HTML 17Page - Texas Instruments LM224ADR Datasheet HTML 18Page - Texas Instruments LM224ADR Datasheet HTML 19Page - Texas Instruments LM224ADR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
6.11 Typical Characteristics: LM324B and LM2902B (continued)
at TA = 25°C, VS = 36V (±18V), VCM = VS / 2, and RLOAD = 10kΩ connected to VS / 2 (unless otherwise noted)
Figure 6-13. Input Voltage Noise Spectral Density vs Frequency
G = 1, f = 1kHz, BW = 80kHz,
VOUT = 10VPP, RL connected to V–
Figure 6-14. THD+N Ratio vs Frequency, G = 1
Frequency (Hz)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
RL = 2k
RL = 10k
G = –1, f = 1kHz, BW = 80kHz,
VOUT = 10VPP, RL connected to V–, see Section 7
Figure 6-15. THD+N Ratio vs Frequency, G = –1
G = 1, f = 1kHz, BW = 80kHz,
RL connected to V–
Figure 6-16. THD+N vs Output Amplitude, G = 1
Amplitude (VRMS)
-100
-90
-80
-70
-60
-50
-40
-30
-20
1m
10m
100m
1
10
RL = 2k
RL = 10k
G = –1, f = 1kHz, BW = 80kHz,
RL connected to V–, see Section 7
Figure 6-17. THD+N vs Output Amplitude, G = –1
Supply Voltage (V)
3
6
9
12
15
18
21
24
27
30
33
36
100
200
300
400
500
600
-40°C
25°C
125°C
Figure 6-18. Quiescent Current vs Supply Voltage
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324BA, LM324K, LM324KA
LM2902, LM2902B, LM2902BA, LM2902K, LM2902KAV, LM2902KV
SLOS066AE – AUGUST 1975 – REVISED SEPTEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324BA LM324K LM324KA LM2902
LM2902B LM2902BA LM2902K LM2902KAV LM2902KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com