Electronic Components Datasheet Search
  English  ▼

X  

TDA7388A Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7388A
Description  4 x 42 W quad bridge car radio amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7388A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7388A Datasheet HTML 3Page - STMicroelectronics TDA7388A Datasheet HTML 4Page - STMicroelectronics TDA7388A Datasheet HTML 5Page - STMicroelectronics TDA7388A Datasheet HTML 6Page - STMicroelectronics TDA7388A Datasheet HTML 7Page - STMicroelectronics TDA7388A Datasheet HTML 8Page - STMicroelectronics TDA7388A Datasheet HTML 9Page - STMicroelectronics TDA7388A Datasheet HTML 10Page - STMicroelectronics TDA7388A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID14257 Rev 5
7/13
TDA7388A
Electrical specifications
Po max
Max.output power(1)
VS = 14.4 V
39
42
-
W
THD
Distortion
Po = 4 W
-
0.04
0.10
%
eNo
Output noise
"A" Weighted
-
50
70
µV
Bw = 20 Hz to 20 kHz
-
70
100
µV
SVR
Supply voltage rejection
f = 100 Hz; Vr = 1 Vrms
50
65
-
dB
fch
High cut-off frequency
Po = 0.5 W
100
200
-
kHz
Ri
Input Impedance
-
70
100
-
k
CT
Cross talk
f = 1 kHz; Po = 4 W
60
70
-
dB
f = 10 kHz; Po = 4 W
-
60
-
dB
ISB
Standby current
consumption
VSt-By = 0 V
-
-
20
µA
Ipin4
Standby pin current
VSt-By = 1.2 to 2.6 V
-
-
±10
µA
VSB out
Standby out threshold
voltage
(Amp: on)
2.6
-
-
V
VSB IN
Standby in threshold voltage (Amp: off)
-
-
1.2
V
AM
Mute attenuation
POref = 4 W
80
90
dB
VM out
Mute out threshold voltage
(Amp: Play)
2.6
-
-
V
VM in
Mute in threshold voltage
(Amp: Mute)
-
-
1.2
V
VAM in
VS automute threshold
(Amp: Mute); Att
 80 dB;
POref = 4 W
(Amp: Play); Att < 0.1 dB;
PO = 0.5 W
-
7.6
6.5
8.5
V
V
Ipin22
Muting pin current
VMUTE = 1.2 V
(Source current)
511
20
µA
Offset detector
Voff
Detected diff. output offset
VSt-by =5V
±1.4±2±2.6
V
VOFF LK
VOFF high leakage current
OD off
-
-
10
µA
VOFF SAT
VOFF det saturation voltage OD on; IOD = 1 mA
-
300
-
mV
Clipping detector
CDLK
Clip det high leakage current CD Off
-
-
10
µA
CDSAT
Clip det sat voltage
DC On; ICD = 1 mA
-
300
-
mV
CDTHD
Clip det THD level
-
-
0.2
-
%
1. Saturated square wave output.
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com