Electronic Components Datasheet Search
  English  ▼

X  

TDA7391LVPD Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7391LVPD
Description  40 W bridge car radio amplifier with low voltage operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391LVPD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7391LVPD Datasheet HTML 3Page - STMicroelectronics TDA7391LVPD Datasheet HTML 4Page - STMicroelectronics TDA7391LVPD Datasheet HTML 5Page - STMicroelectronics TDA7391LVPD Datasheet HTML 6Page - STMicroelectronics TDA7391LVPD Datasheet HTML 7Page - STMicroelectronics TDA7391LVPD Datasheet HTML 8Page - STMicroelectronics TDA7391LVPD Datasheet HTML 9Page - STMicroelectronics TDA7391LVPD Datasheet HTML 10Page - STMicroelectronics TDA7391LVPD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DocID023014 Rev 3
7/23
TDA7391LV
Pins description
22
2
Pins description
Figure 3. Multiwatt 11 pins connection (top view)
Figure 4. PowerSO-20 pins connection
Table 2. Pins function
Multiwatt 11
Pin #
PowerSO-20
Pin #
Name
Description
1, 2
14, 15
INPUTS
The input stage is a high impedance type also capable
of operation in single ended mode with one input
capacitively coupled to the signal GND. The impedance
seen by the inverting and non inverting input pins must
be matched.
3, 9
5, 16
+VS
Supply voltage.
417
CD
The TDA7391LV is equipped with a diagnostic circuitry
able to detect the clipping in the Output Signal
(distortion = 10%).
The CD pin (open collector) gives out low level signal
during clipping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com