Electronic Components Datasheet Search
  English  ▼

X  

TDA7562B Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7562B
Description  4 x 46 W multifunction quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7562B Datasheet HTML 16Page - STMicroelectronics TDA7562B Datasheet HTML 17Page - STMicroelectronics TDA7562B Datasheet HTML 18Page - STMicroelectronics TDA7562B Datasheet HTML 19Page - STMicroelectronics TDA7562B Datasheet HTML 20Page - STMicroelectronics TDA7562B Datasheet HTML 21Page - STMicroelectronics TDA7562B Datasheet HTML 22Page - STMicroelectronics TDA7562B Datasheet HTML 23Page - STMicroelectronics TDA7562B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
I2C bus interface
TDA7562B
20/30
Doc ID 17984 Rev 3
5
I2C bus interface
Data transmission from microprocessor to the TDA7562B and voice-overs takes place
through the 2 wires I2C bus interface, consisting of the two lines SDA and SCL (pull-up
resistors to positive supply voltage must be connected).
5.1
Data validity
As shown by Figure 25, the data on the SDA line must be stable during the high period of
the clock.
The high and low state of the data line can only change when the clock signal on the SCL
line is low.
5.2
Start and stop conditions
As shown by Figure 26 a start condition is a high to low transition of the SDA line while SCL
is high.
The stop condition is a low to high transition of the SDA line while SCL is high.
5.3
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an
acknowledge bit. The MSB is transferred first.
5.4
Acknowledge
The transmitter* puts a resistive high level on the SDA line during the acknowledge clock
pulse (see Figure 27). The receiver** the acknowledges has to pull-down (LOW) the SDA
line during the acknowledge clock pulse, so that the SDA line is stable LOW during this clock
pulse.
* Transmitter
–
master (µP) when it writes an address to the TDA7562B
–
slave (TDA7562B) when the µP reads a data byte from TDA7562B
** Receiver
–
slave (TDA7562B) when the µP writes an address to the TDA7562B
–
master (µP) when it reads a data byte from TDA7562B
Figure 25.
Data validity on the I2C bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com