Electronic Components Datasheet Search
  English  ▼

X  

TDA7562 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7562
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7562 Datasheet HTML 4Page - STMicroelectronics TDA7562 Datasheet HTML 5Page - STMicroelectronics TDA7562 Datasheet HTML 6Page - STMicroelectronics TDA7562 Datasheet HTML 7Page - STMicroelectronics TDA7562 Datasheet HTML 8Page - STMicroelectronics TDA7562 Datasheet HTML 9Page - STMicroelectronics TDA7562 Datasheet HTML 10Page - STMicroelectronics TDA7562 Datasheet HTML 11Page - STMicroelectronics TDA7562 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TDA7562
8/17
DIAGNOSTICS FUNCTIONAL DESCRIPTION:
Detectable conventional faults are:
–SHORT TO GND
–SHORT TO Vs
– SHORT ACROSS THE SPEAKER
The following additional features are provided:
– OUTPUT OFFSET DETECTION
The TDA7562 has 2 operating statuses:
1)) RESTART mode. The diagnostic is not enabled. Each audio channel operates independently from each oth-
er. If any of the a.m. faults occurs, only the channel(s) interested is shut down. A check of the output status
is made every 1 ms (fig. 14). Restart takes place when the overload is removed.
2)) DIAGNOSTIC mode. It is enabled via I2C bus and self activates if an output overload (such to cause the
intervention of the short-circuit protection) occurs to the speakers outputs . Once activated, the diagnostics
procedure develops as follows (fig. 15):
– To avoid momentary re-circulation spikes from giving erroneous diagnostics, a check of the output
status is made after 1ms: if normal situation (no overloads) is detected, the diagnostic is not per-
formed and the channel returns back active.
– Instead, if an overload is detected during the check after 1 ms, then a diagnostic cycle having a du-
ration of about 100 ms is started.
– After a diagnostic cycle, the audio channel interested by the fault is switched to RESTART mode. The
relevant data are stored inside the device and can be read by the microprocessor. When one cycle
has terminated, the next one is activated by an I2C reading. This is to ensure continuous diagnostics
throughout the car-radio operating time.
– To check the status of the device a sampling system is needed. The timing is chosen at microproces-
sor level (over half a second is recommended).
Figure 14. Restart timing without Diagnostic Enable (Each 1mS time, a sampling of the fault is done)
Figure 15. Restart timing with Diagnostic Enable
t
1-2mS
1mS
1mS
1mS
1mS
Overcurrent and short
circuit protection intervention
(i.e. short circuit to GND)
Short circuit removed
Out
t
Overcurrent and short
(i.e. short circuit to GND)
Short circuit removed
1mS
100mS
1mS
1mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com