Electronic Components Datasheet Search
  English  ▼

X  

TDA7563A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7563A
Description  4 x 50 W power amplifier with high efficiency and built-in I2C diagnostic
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563A Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7563A Datasheet HTML 1Page - STMicroelectronics TDA7563A Datasheet HTML 2Page - STMicroelectronics TDA7563A Datasheet HTML 3Page - STMicroelectronics TDA7563A Datasheet HTML 4Page - STMicroelectronics TDA7563A Datasheet HTML 5Page - STMicroelectronics TDA7563A Datasheet HTML 6Page - STMicroelectronics TDA7563A Datasheet HTML 7Page - STMicroelectronics TDA7563A Datasheet HTML 8Page - STMicroelectronics TDA7563A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
December 2013
DocID14407 Rev 5
1/35
TDA7563A
4 x 50 W power amplifier with high efficiency
and built-in I2C diagnostic
Datasheet
- production data
Features
 Multipower BCD technology
 MOSFET output power stage
 DMOS power output
 New high efficiency (class SB)
 High output power capability 4 x 28 W / 4 Ω @
14.4 V, 1 kHz, 10 % THD, 4 x 50 W max power
 Max. output power 4 x 72 W / 2 Ω
 Full I2C bus driving:
– Standby
– Independent front/rear soft play/mute
– Selectable gain 26 dB /12 dB (for low noise
line output function)
– High efficiency enable/disable
–I2C bus digital diagnostics (including DC
and AC load detection)
 Full fault protection
 DC offset detection
 Four independent short circuit protection
 Clipping detector pin with selectable threshold
(2 %/10 %)
 Standby/mute pin
 Linear thermal shutdown with multiple thermal
warning
 ESD protection
Description
The TDA7563A is a new BCD technology Quad
Bridge type of car radio amplifier in Flexiwatt27 &
PowerSO36 packages specially intended for car
radio applications.
Thanks to the DMOS output stage the TDA7563A
has a very low distortion allowing a clear powerful
sound. Among the features, its superior efficiency
performance coming from the internal exclusive
structure, makes it the most suitable device to
simplify the thermal management in high power sets.
The dissipated output power under average
listening condition is in fact reduced up to 50%
when compared to the level provided by
conventional class AB solutions.
This device is equipped with a full diagnostics
array that communicates the status of each
speaker through the I2C bus.
PowerSO36 (Slug up)
Flexiwatt27 (Vert.)
Flexiwatt27 (SMD)
Flexiwatt27 (Horiz.)
Table 1. Device summary
Order code
Package
Packing
TDA7563A
Flexiwatt27 (vertical)
Tube
TDA7563AH
Flexiwatt27 (horizontal)
Tube
TDA7563ASM
Flexiwatt27 (SMD)
Tube
TDA7563ASMTR
Flexiwatt27 (SMD)
Tape and reel
TDA7563APD
PowerSO36 (slug up)
Tube
www.st.com


Similar Part No. - TDA7563A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7563A STMICROELECTRONICS-TDA7563A Datasheet
526Kb / 35P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
07-Feb-2008
TDA7563AH STMICROELECTRONICS-TDA7563AH Datasheet
526Kb / 35P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
07-Feb-2008
TDA7563APD STMICROELECTRONICS-TDA7563APD Datasheet
526Kb / 35P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
07-Feb-2008
TDA7563ASM STMICROELECTRONICS-TDA7563ASM Datasheet
526Kb / 35P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
07-Feb-2008
TDA7563ASMTR STMICROELECTRONICS-TDA7563ASMTR Datasheet
526Kb / 35P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
07-Feb-2008
More results

Similar Description - TDA7563A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
logo
STMicroelectronics
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
01-Feb-2011
TDA7567PD STMICROELECTRONICS-TDA7567PD Datasheet
358Kb / 30P
4 x 50 W differential quad power amplifier with built-in diagnostics features
11-Dec-2009
logo
NXP Semiconductors
TDA1562SD NXP-TDA1562SD Datasheet
129Kb / 24P
70 W high efficiency power amplifier with diagnostic facility
2003 Feb 12
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
logo
STMicroelectronics
TDA75610DLVPD STMICROELECTRONICS-TDA75610DLVPD Datasheet
1Mb / 37P
4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
19-Sep-2014
TDA75610SLV STMICROELECTRONICS-TDA75610SLV Datasheet
928Kb / 42P
4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
15-Dec-2014
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
18-Sep-2014
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
25-May-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com