Electronic Components Datasheet Search
  English  ▼

X  

TDA7563B Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7563B
Description  4 x 50 W multifunction quad power amplifier with built-in diagnostics feature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7563B Datasheet HTML 6Page - STMicroelectronics TDA7563B Datasheet HTML 7Page - STMicroelectronics TDA7563B Datasheet HTML 8Page - STMicroelectronics TDA7563B Datasheet HTML 9Page - STMicroelectronics TDA7563B Datasheet HTML 10Page - STMicroelectronics TDA7563B Datasheet HTML 11Page - STMicroelectronics TDA7563B Datasheet HTML 12Page - STMicroelectronics TDA7563B Datasheet HTML 13Page - STMicroelectronics TDA7563B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical specifications
TDA7563B
10/33
Doc ID 12733 Rev 6
CDTHD
Clip det THD level
D0 (IB1) = 1
5
10
15
%
D0 (IB1) = 0
1
2
3
%
Turn on diagnostics 1 (Power amplifier mode)
Pgnd
Short to GND det. (below this
limit, the Output is considered
in short circuit to GND)
Power amplifier in standby
--
1.2
V
Pvs
Short to Vs det. (above this
limit, the output is considered in
short circuit to Vs)
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(within these limits, the output
is considered without faults).
1.8
-
Vs -1.8
V
Lsc
Shorted load det.
-
-
0.5
Lop
Open load det.
130
-
Lnop
Normal load det.
1.5
-
70
Turn on diagnostics 2 (Line driver mode)
Pgnd
Short to GND det. (below this
limit, the output is considered in
short circuit to GND)
Power amplifier in standby
--
1.2
V
Pvs
Short to Vs det. (above this
limit, the output is considered in
short circuit to Vs)
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(within these limits, the output
is considered without faults).
1.8
-
Vs -1.8
V
Lsc
Shorted load det.
-
-
1.5
Lop
Open Load det.
400
-
Lnop
Normal Load det.
4.5
-
200
Permanent diagnostics 2 (Power amplifier mode or line driver mode)
Pgnd
Short to GND det. (below this
limit, the output is considered in
short circuit to GND)
Power amplifier in mute or play,
one or more short circuits
protection activated
--
1.2
V
Pvs
Short to Vs det. (above this
limit, the output is considered in
short circuit to Vs)
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(within these limits, the output
is considered without faults).
1.8
-
Vs -1.8
V
LSC
Shorted load det.
Power amplifier mode
-
-
0.5
Line driver mode
-
-
1.5
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com