Electronic Components Datasheet Search
  English  ▼

X  

PM-754 Datasheet(PDF) 1 Page - Prokits Industries Co., LTD

Part # PM-754
Description  Flat Nose Plier (138mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

PM-754 Datasheet(HTML) 1 Page - Prokits Industries Co., LTD

  PM-754 Datasheet HTML 1Page - Prokits Industries Co., LTD PM-754 Datasheet HTML 2Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROKIT'S INDUSTRIES CO., LTD
5F, No.7, Lane 130, Ming­Chung Rd.,
Hsin­Tien Dist, New Taipei City, Taiwan, R.O.C
TEL:886 2 2218 3233 FAX:+886 2 2218 2722
E­mail:pk@mail.prokits.com.tw
http://www.prokits.com.tw
PRODUCT SPECIFICATION
EN#:4710810408243
PM­754
Flat Nose Plier (138mm)
Safety and environmental protection:
RoHS & Pb free:Pb free
Physical and function:
Making Pliers :Forged
Surface Finish of body:Nick­iron plated
Material of body:Middle Carbon steels S45C
Color of body:Black
Spring:
Coil spring
Handle assemble:Sleeve
Material of handle:PP, TPR
Color of handle:Black, Green
OAL (mm):138
Hardness:
Hardness of body (HRC):43±3
Hardness of cutting edge (HRC):43±3
Product Weight (w/o package):
Weight(g)
Measurement
0.1
L(mm)
W(mm)
H(mm)
Individual Packing
Packing:
Master Packing:
Pieces
N.W. 
(Kg)
G.W. 
(Kg)
Measurement
CUFT
L(cm)
W(cm)
H(cm)
Individual Packing
1
­
0.127
21
7.5
2.3
­
Inner Box
8
0
0
0
0
0
0
CTN
96
13
14.3
49.5
38.5
26.5
1.78
1


Similar Part No. - PM-754

ManufacturerPart #DatasheetDescription
logo
Prokits Industries Co.,...
PM-754 PROSKITINDUSTRIES-PM-754 Datasheet
990Kb / 2P
PK-2002B Professional Electrical And Mechanical Tool Set, 220V (with EU plug)
PM-754 PROSKITINDUSTRIES-PM-754 Datasheet
988Kb / 2P
PK-2002C Professional Electrical And Mechanical Tool Set, 220V (with UK plug)
logo
Analog Devices
PM-7545 AD-PM-7545 Datasheet
348Kb / 11P
12-Bit Buffered Miltiplying CMOS D/A Converter
logo
List of Unclassifed Man...
PM-7545 ETC2-PM-7545 Datasheet
3Mb / 11P
12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
More results

Similar Description - PM-754

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LGP730B-45CN ETC-LGP730B-45CN Datasheet
104Kb / 1P
NOSE ASSEMBLY
1680222 ETC2-1680222 Datasheet
121Kb / 1P
Water Pump Plier
BU-40A-0 ETC2-BU-40A-0 Datasheet
57Kb / 1P
Micro Plier-Type Clip
BU-41A-0 ETC2-BU-41A-0 Datasheet
91Kb / 1P
LARGE PLIER CLIP
BU-46A-0 ETC2-BU-46A-0 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46A-2 ETC2-BU-46A-2 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46C-0 ETC2-BU-46C-0 Datasheet
50Kb / 1P
Miniature Plier-Type Clip
BU-46C-023Z ETC2-BU-46C-023Z Datasheet
81Kb / 1P
Miniature Plier-Type Clip
logo
Molex Electronics Ltd.
2002220710 MOLEX-2002220710 Datasheet
23Kb / 1P
Extraction Long Nose Plier Tool for MX150 Connectors
08/25/2022
logo
Lapp.
FL52ERA LAPP-FL52ERA Datasheet
839Kb / 3P
FLEXIMARK Plier FL52ERA FL52A
18.12.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com