Electronic Components Datasheet Search
  English  ▼

X  

PAC1932 Datasheet(PDF) 46 Page - Microchip Technology

Part # PAC1932
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932 Datasheet(HTML) 46 Page - Microchip Technology

Back Button PAC1932 Datasheet HTML 42Page - Microchip Technology PAC1932 Datasheet HTML 43Page - Microchip Technology PAC1932 Datasheet HTML 44Page - Microchip Technology PAC1932 Datasheet HTML 45Page - Microchip Technology PAC1932 Datasheet HTML 46Page - Microchip Technology PAC1932 Datasheet HTML 47Page - Microchip Technology PAC1932 Datasheet HTML 48Page - Microchip Technology PAC1932 Datasheet HTML 49Page - Microchip Technology PAC1932 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
PAC1932/3/4
DS20005850C-page 46
 2017-2018 Microchip Technology Inc.
REGISTER 6-15:
CTRL_ACT REGISTER (ADDRESS 21H)
R-0R-0
R-0R-0
R-0R-0
R-0R-0
Sample_Rate<1:0>
SLEEP
SING
ALERT_PIN
ALERT_CC
OVF ALERT
OVF
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
This register contains an image of the Control register, 01h. The bits in this register reflect the current active value of
these settings, whereas the values in register 01h may have been programmed but not activated by one of the
REFRESH commands. This register allows the software to determine the actual active setting.
This register is valid when the Results registers are valid, 1 ms after a REFRESH/_V/_G command (in most cases).
However, if the users program a conversion rate change followed by REFRESH, the new conversion rate will not
become effective until the current conversion cycle is complete. For example, if the old sample rate was 8 Hz, it will
take up to 125 mS before the conversion cycle (and the CTRL_ACT register) are updated. This delay can be variable,
depending on where we are in the conversion cycle when the REFRESH command is sent.
bit 7-6
Sample_Rate<1:0>
: shows the value that is currently active since the most recent REFRESH function
was received for programmed sample rate in Normal mode (that is, if SLOW pin is not asserted)
00b
= 1024 samples/s
01b
= 256 samples/s
10b
= 64 samples/s
11b
= 8 samples/s
bit 5
SLEEP
: shows the value that is currently active since the most recent REFRESH function was received
for the SLEEP bit.
0
= ACTIVE mode
1
= SLEEP mode, no data conversion
bit 4
SING
: shows the value that is currently active since the most recent REFRESH function was received
for the single shot select bit, SING.
0
= Sequential scan mode
1
= Single-shot mode
bit 3
ALERT_PIN
: shows the value that is currently active since the most recent REFRESH function was
received for the ALERT_PIN bit.
0
= Disable the ALERT pin function
1
= Enable the ALERT pin function
bit 2
ALERT_CC
: shows the value that is currently active since the most recent REFRESH function was
received for the ALERT_CC bit.
0
= No ALERT on Conversion Cycle Complete
1
= ALERT function asserted for 5 μS on each completion of the conversion cycle
bit 1
OVF ALERT
: shows the value that is currently active since the most recent REFRESH function was
received for the OVF ALERT bit.
0
= No ALERT if accumulator or accumulator counter overflow has occurred
1
= ALERT pin triggered if accumulator or accumulator counter has overflowed
bit 0
OVF
: shows the value that is currently active since the most recent REFRESH function was received
for the OVF bit.
0
= No accumulator or accumulator counter overflow has occurred
1
= Accumulator or accumulator counter has overflowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com