Electronic Components Datasheet Search
  English  ▼

X  

LM1458 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM1458
Description  LM1458/LM1558 Dual Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1458 Datasheet(HTML) 2 Page - Texas Instruments

  LM1458 Datasheet HTML 1Page - Texas Instruments LM1458 Datasheet HTML 2Page - Texas Instruments LM1458 Datasheet HTML 3Page - Texas Instruments LM1458 Datasheet HTML 4Page - Texas Instruments LM1458 Datasheet HTML 5Page - Texas Instruments LM1458 Datasheet HTML 6Page - Texas Instruments LM1458 Datasheet HTML 7Page - Texas Instruments LM1458 Datasheet HTML 8Page - Texas Instruments LM1458 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM1458, LM1558
SNOSBU4D – APRIL 1998 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage
LM1558
±22V
LM1458
±18V
Power Dissipation (4)
LM1558H/LM1458H
500 mW
LM1458N
400 mW
Differential Input Voltage
±30V
Input Voltage (5)
±15V
Output Short-Circuit Duration
Continuous
Operating Temperature Range
LM1558
−55°C to +125°C
LM1458
0°C to +70°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
260°C
Soldering Information
PDIP Package
Soldering (10 seconds)
260°C
SOIC Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices.
ESD tolerance (6)
300V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits.
(2)
Refer to RETS 1558V for LM1558J and LM1558H military specifications.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
The maximum junction temperature of the LM1558 is 150°C, while that of the LM1458 is 100°C. For operating at elevated temperatures,
devices in the LMC package must be derated based on a thermal resistance of 150°C/W, junction to ambient or 20°C/W, junction to
case. For the PDIP the device must be derated based on a thermal resistance of 187°C/W, junction to ambient.
(5)
For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
(6)
Human body model, 1.5 k
Ω in series with 100 pF.
Electrical Characteristics
(1)
Parameter
Conditions
LM1558
LM1458
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA = 25°C, RS ≤ 10 kΩ
1.0
5.0
1.0
6.0
mV
Input Offset Current
TA = 25°C
80
200
80
200
nA
Input Bias Current
TA = 25°C
200
500
200
500
nA
Input Resistance
TA = 25°C
0.3
1.0
0.3
1.0
M
Ω
Supply Current Both
TA = 25°C, VS = ±15V
3.0
5.0
3.0
5.6
mA
Amplifiers
Large Signal Voltage Gain
TA = 25°C, VS = ±15V
50
160
20
160
V/mV
VOUT = ±10V, RL ≥ 2 kΩ
Input Offset Voltage
RS ≤ 10 kΩ
6.0
7.5
mV
Input Offset Current
500
300
nA
Input Bias Current
1.5
0.8
μA
Large Signal Voltage Gain
VS = ±15V, VOUT = ±10V
25
15
V/mV
RL ≥ kΩ
Output Voltage Swing
VS = ±15V, RL = 10 kΩ
±12
±14
±12
±14
V
RL = 2 kΩ
±10
±13
±10
±13
V
(1)
These specifications apply for VS = ±15V and −55°C ≤ TA ≤ 125°C, unless otherwise specified. With the LM1458, however, all
specifications are limited to 0°C
≤ TA ≤ 70°C and VS = ±15V.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM1458 LM1558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com