Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4041
Description  LM4041 Precision Micropower Shunt Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4041 Datasheet(HTML) 3 Page - Texas Instruments

  LM4041 Datasheet HTML 1Page - Texas Instruments LM4041 Datasheet HTML 2Page - Texas Instruments LM4041 Datasheet HTML 3Page - Texas Instruments LM4041 Datasheet HTML 4Page - Texas Instruments LM4041 Datasheet HTML 5Page - Texas Instruments LM4041 Datasheet HTML 6Page - Texas Instruments LM4041 Datasheet HTML 7Page - Texas Instruments LM4041 Datasheet HTML 8Page - Texas Instruments LM4041 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
4 Pin Configuration and Functions
Pin Functions
1.2 V
1
2
–
+
3*
Figure 4-1. DBZ Package
3-Pin SOT-23
Top View
1
2
3
N/C*
t
+
5
N/C
4
N/C
Figure 4-2. DCK Package
5-Pin SC70
Top View
1
2
3
*
+
_
Figure 4-3. LP Package
3-Pin TO-92
Bottom View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23
SC70
TO-92
Anode
2
1
3
O
Anode pin, normally grounded
Cathode
1
3
2
I/O
Shunt current and output voltage
FB
—
—
—
I
Feedback pin for adjustable output voltage
NC*
3
2
1
—
**Must float or connect to anode (1)
NC
—
4, 5
—
—
No connect
(1)
In applications with high electromagnetic interference (for example, when placed near transformers or other electromagnetic
sources) or significant high-frequency switching noise, TI recommends to connect this pin to the anode.
www.ti.com
LM4041
SLCS146H – FEBRUARY 2005 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM4041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com