Electronic Components Datasheet Search
  English  ▼

X  

LM4808 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4808
Description  LM4808 Low Voltage High Power Audio Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4808 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4808 Datasheet HTML 9Page - Texas Instruments LM4808 Datasheet HTML 10Page - Texas Instruments LM4808 Datasheet HTML 11Page - Texas Instruments LM4808 Datasheet HTML 12Page - Texas Instruments LM4808 Datasheet HTML 13Page - Texas Instruments LM4808 Datasheet HTML 14Page - Texas Instruments LM4808 Datasheet HTML 15Page - Texas Instruments LM4808 Datasheet HTML 16Page - Texas Instruments LM4808 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
LM4808
www.ti.com
SNAS051D – FEBRUARY 2000 – REVISED MAY 2013
APPLICATION INFORMATION
EXPOSED-DAP PACKAGE PCB MOUNTING CONSIDERATION
The LM4808's exposed-dap (die attach paddle) package (LD) provides a low thermal resistance between the die
and the PCB to which the part is mounted and soldered. This allows rapid heat transfer from the die to the
surrounding PCB copper traces, ground plane, and surrounding air.
The LD package should have its DAP soldered to a copper pad on the PCB. The DAP's PCB copper pad may be
connected to a large plane of continuous unbroken copper. This plane forms a thermal mass, heat sink, and
radiation area.
However, since the LM4808 is designed for headphone applications, connecting a copper plane to the DAP's
PCB copper pad is not required. The LM4808's Power Dissipation vs Output Power Curve in the TYPICAL
PERFORMANCE CHARACTERISTICS shows that the maximum power dissipated is just 45mW per amplifier
with a 5V power supply and a 32
Ω load.
Further detailed and specific information concerning PCB layout, fabrication, and mounting an LD (WSON)
package is available from Texas Instruments' Package Engineering Group under application note AN-1187
(literature number SNOA401).
POWER DISSIPATION
Power dissipation is a major concern when using any power amplifier and must be thoroughly understood to
ensure a successful design. Equation 1 states the maximum power dissipation point for a single-ended amplifier
operating at a given supply voltage and driving a specified output load.
PDMAX = (VDD)
2 / (2π2R
L)
(1)
Since the LM4808 has two operational amplifiers in one package, the maximum internal power dissipation point
is twice that of the number which results from Equation 1. Even with the large internal power dissipation, the
LM4808 does not require heat sinking over a large range of ambient temperature. From Equation 1, assuming a
5V power supply and a 32
Ω load, the maximum power dissipation point is 40mW per amplifier. Thus the
maximum package dissipation point is 80mW. The maximum power dissipation point obtained must not be
greater than the power dissipation that results from Equation 2:
PDMAX = (TJMAX − TA) / θJA
where
•
θJA = 210°C/W for package DGK0008A
•
TJMAX = 150°C for the LM4808
(2)
Depending on the ambient temperature, TA, of the system surroundings, Equation 2 can be used to find the
maximum internal power dissipation supported by the IC packaging. If the result of Equation 1 is greater than
that of Equation 2, then either the supply voltage must be decreased, the load impedance increased or TA
reduced. For the typical application of a 5V power supply, with a 32
Ω load, the maximum ambient temperature
possible without violating the maximum junction temperature is approximately 133.2°C provided that device
operation is around the maximum power dissipation point. Power dissipation is a function of output power and
thus, if typical operation is not around the maximum power dissipation point, the ambient temperature may be
increased accordingly. Refer to the TYPICAL PERFORMANCE CHARACTERISTICS curves for power
dissipation information for lower output powers.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. Applications that employ a 5V regulator typically use a 10µF in parallel with a 0.1µF filter capacitors to
stabilize the regulator's output, reduce noise on the supply line, and improve the supply's transient response.
However, their presence does not eliminate the need for a local 0.1µF supply bypass capacitor, CS, connected
between the LM4808's supply pins and ground. Keep the length of leads and traces that connect capacitors
between the LM4808's power supply pin and ground as short as possible. Connecting a 1.0µF capacitor, CB,
between the IN A(+) / IN B(+) node and ground improves the internal bias voltage's stability and improves the
amplifier's PSRR. The PSRR improvements increase as the bypass pin capacitor value increases. Too large,
however, increases the amplifier's turn-on time. The selection of bypass capacitor values, especially CB, depends
on desired PSRR requirements, click and pop performance (as explained in the section, SELECTING PROPER
EXTERNAL COMPONENTS), system cost, and size constraints.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com