Electronic Components Datasheet Search
  English  ▼

X  

LM567C Datasheet(PDF) 12 Page - Texas Instruments

Part # LM567C
Description  LM567x Tone Decoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM567C Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM567C Datasheet HTML 8Page - Texas Instruments LM567C Datasheet HTML 9Page - Texas Instruments LM567C Datasheet HTML 10Page - Texas Instruments LM567C Datasheet HTML 11Page - Texas Instruments LM567C Datasheet HTML 12Page - Texas Instruments LM567C Datasheet HTML 13Page - Texas Instruments LM567C Datasheet HTML 14Page - Texas Instruments LM567C Datasheet HTML 15Page - Texas Instruments LM567C Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
The LM567 tone decoder is a device capable of detecting if an input signal is inside a selectable range of
detection. The device has an open collector transistor output, so an external resistor is required to achieve
proper logic levels. When the input signal is inside the detection band, the device output will go to a LOW state.
The internal VCO free running frequency establishes the detection band central frequency. An external RC filter
is required to set this frequency. The bandwidth in which the device will detect the desired frequency depends
on the capacitance of loop filter terminal. Typically a 1µF capacitor is connected to this pin. The device detection
band has a different behavior for low and high input voltage levels. Refer to the Operation With Vi < 200m –
VRMS section and the Operation With Vi > 200m – VRMS section for more information.
10.2 Typical Applications
10.2.1 Touch-Tone Decoder
Component values (typ) R1 6.8 to 15k R2 4.7k R3 20k C1 0.10 mfd C2 1.0 mfd 6V C3 2.2 mfd 6V C4 250 mfd 6V
Figure 10-1. Touch-Tone Decoder
LM567, LM567C
SNOSBQ4F – MAY 1999 – REVISED JANUARY 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM567 LM567C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com