Electronic Components Datasheet Search
  English  ▼

X  

LM567 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM567
Description  LM567x Tone Decoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM567 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM567 Datasheet HTML 5Page - Texas Instruments LM567 Datasheet HTML 6Page - Texas Instruments LM567 Datasheet HTML 7Page - Texas Instruments LM567 Datasheet HTML 8Page - Texas Instruments LM567 Datasheet HTML 9Page - Texas Instruments LM567 Datasheet HTML 10Page - Texas Instruments LM567 Datasheet HTML 11Page - Texas Instruments LM567 Datasheet HTML 12Page - Texas Instruments LM567 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9.3 Feature Description
9.3.1 Center Frequency
The center frequency of the LM567 tone decoder is equal to the free running frequency of the voltage controlled
oscillator. In order to set this frequency, external components should be placed externally. The component
values are given by:
fo ≃ 1 / (1.1 × R1 × C1)
(1)
where
• R1 = Timing Resistor
• C1 = Timing Capacitor
9.3.2 Output Filter
To eliminate undesired signals that could trigger the output stage, a post detection filter is featured in the
LM567C. This filter consists of an internal resistor (4.7K-Ω) and an external capacitor. Although typically external
capacitor value is not critical, it is recommended to be at least twice the value of the loop filter capacitor. If the
output filter capacitor value is too large, the turn-on and turn off-time of the output will present a delay until the
voltage across this capacitor reaches the threshold level.
9.3.3 Loop Filter
The phase locked loop (PLL) included in the LM567 has a pin for connecting the low pass loop filter capacitor.
The selection of the capacitor for the filter depends on the desired bandwidth. The device bandwidth selection
is different according to the input voltage level. Refer to the Operation With Vi < 200m – VRMS section and the
Operation With Vi > 200m – VRMS section for more information about the loop filter capacitor selection.
9.3.4 Logic Output
The LM567 is designed to provide a transistor switch to ground output when the input signal frequency matches
the center frequency pass band. The logic output is an open collector power transistor that requires an external
load resistor that is used to regulate the output current level.
9.3.5 Die Characteristics
Figure 9-1. Die Layout (C - Step)
www.ti.com
LM567, LM567C
SNOSBQ4F – MAY 1999 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LM567 LM567C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com