Electronic Components Datasheet Search
  English  ▼

X  

LM7301IMX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM7301IMX/NOPB
Description  LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7301IMX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM7301IMX/NOPB Datasheet HTML 15Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 16Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 17Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 18Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 19Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 20Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 21Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 22Page - Texas Instruments LM7301IMX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
VOUT
NC
±IN
+IN
V±
NC
V+
OUT
NC
VS+
GND
Use low-ESR, ceramic
Bypass capacitor
GND
VS±
(or GND for single supply)
Only needed
for dual-supply
operation
GND
VIN
RG
RIN
RF
Run the input
traces as far away
from the supply
lines as possible
Place components
close to device
and to each other
to reduce parasitic
errors
Copyright © 2016, Texas Instruments Incorporated
+
±
VOUT
VIN
RIN
RG
RF
Copyright © 2016, Texas Instruments Incorporated
19
LM7301
www.ti.com
SNOS879I – AUGUST 1999 – REVISED MAY 2016
Product Folder Links: LM7301
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The LM7301 is specified for operation from 1.8 V to 32 V (±0.9 V to ±16 V). Being a rail-to-rail input and output
device, any operating voltage conditions within the supply voltage range can be accommodated.
Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies.
10 Layout
10.1 Layout Guidelines
For best operational performance of the device, TI recommends good printed-circuit board (PCB) layout
practices. Low-loss, 0.1-μF bypass capacitors should be connected between each supply pin and ground, placed
as close to the device as possible. A single bypass capacitor from V+ to ground is applicable to single supply
applications.
10.2 Layout Example
Figure 31. Schematic Representation
Figure 32. Operational Amplifier Board Layout for Noninverting Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com