Electronic Components Datasheet Search
  English  ▼

X  

LM74502DDFRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM74502DDFRG4
Description  LM74502, LM74502H Low IQ High Side Switch Controller with Reverse Polarity and Overvoltage Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM74502DDFRG4 Datasheet(HTML) 4 Page - Texas Instruments

  LM74502DDFRG4 Datasheet HTML 1Page - Texas Instruments LM74502DDFRG4 Datasheet HTML 2Page - Texas Instruments LM74502DDFRG4 Datasheet HTML 3Page - Texas Instruments LM74502DDFRG4 Datasheet HTML 4Page - Texas Instruments LM74502DDFRG4 Datasheet HTML 5Page - Texas Instruments LM74502DDFRG4 Datasheet HTML 6Page - Texas Instruments LM74502DDFRG4 Datasheet HTML 7Page - Texas Instruments LM74502DDFRG4 Datasheet HTML 8Page - Texas Instruments LM74502DDFRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Input Pins
VS to GND
–65
65
V
EN/UVLO, OV to GND, V(VS) > 0 V
–0.3
65
V
EN/UVLO, OV, V(VS) ≤ 0 V
V(VS)
(65 + V(VS))
SRC to GND, V(VS) ≤ 0 V
(V(VS) + 0.3)
V
SRC to GND, V(VS) > 0 V
–(70 – V(VS))
V(VS)
V
Output Pins
GATE to SRC
0
15
V
VCAP to VS
–0.3
15
V
Operating junction temperature(2)
–40
150
°C
Storage temperature, Tstg
–40
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002,
all pins(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
MIN
NOM
MAX
UNIT
Input Pins
VS to GND
–60
60
V
EN/UVLO, OV, SRC to GND
–60
60
External
capacitance
VS
22
nF
VCAP to VS
0.1
µF
External
MOSFET max
VGS rating
GATE to SRC
15
V
TJ
Operating junction temperature range(2)
–40
150
°C
(1)
Recommended Operating Conditions are conditions under which the device is intended to be functional. For specifications and test
conditions, see electrical characteristics
(2)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
LM74502, LM74502H
SNOSDE5A – DECEMBER 2021 – REVISED MAY 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM74502 LM74502H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com