Electronic Components Datasheet Search
  English  ▼

X  

LM74502HDDFR Datasheet(PDF) 7 Page - Texas Instruments

Part # LM74502HDDFR
Description  LM74502, LM74502H Low IQ High Side Switch Controller with Reverse Polarity and Overvoltage Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM74502HDDFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM74502HDDFR Datasheet HTML 3Page - Texas Instruments LM74502HDDFR Datasheet HTML 4Page - Texas Instruments LM74502HDDFR Datasheet HTML 5Page - Texas Instruments LM74502HDDFR Datasheet HTML 6Page - Texas Instruments LM74502HDDFR Datasheet HTML 7Page - Texas Instruments LM74502HDDFR Datasheet HTML 8Page - Texas Instruments LM74502HDDFR Datasheet HTML 9Page - Texas Instruments LM74502HDDFR Datasheet HTML 10Page - Texas Instruments LM74502HDDFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
6.7 Typical Characteristics
VS (V)
0
5
10 15 20 25 30 35 40 45 50 55 60 65
0
1.4
2.8
4.2
5.6
7
–40
C
25
C
85
C
125
C
150
C
Figure 6-1. Shutdown Supply Current vs Supply Voltage
VS (V)
0
5
10 15 20 25 30 35 40 45 50 55 60 65
0
30
60
90
120
150
180
210
240
270
300
330
360
390
420
–40
C
25
C
85
C
125
C
150
C
Figure 6-2. Operating Quiescent Current vs Supply Voltage
VS (V)
3
4
5
6
7
8
9
10
11
12
60
90
120
150
180
210
240
270
300
330
360
390
–40
C
25
C
85
C
125
C
150
C
Figure 6-3. Charge Pump Current vs Supply Voltage at VCAP = 6
V
VCAP (V)
0
2
4
6
8
10
12
100
150
200
250
300
350
400
450
500
550
–40
C
25
C
85
C
125
C
150
C
Figure 6-4. Charge Pump V-I Characteristics at VS > = 12 V
VCAP (V)
0
1
2
3
4
5
6
7
8
9
20
40
60
80
100
120
140
160
180
200
220
240
–40
C
25
C
85
C
125
C
150
C
Figure 6-5. Charge Pump V-I Characteristics at VS = 3.2 V
Free-Air Temperature (
C)
-40
0
40
80
120
160
1
1.07
1.14
1.21
1.28
1.35
Enable/UVLO rising
Enable/UVLO falling
Figure 6-6. EN/UVLO Rising and Falling threshold vs
Temperature
www.ti.com
LM74502, LM74502H
SNOSDE5A – DECEMBER 2021 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM74502 LM74502H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com