Electronic Components Datasheet Search
  English  ▼

X  

2147 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2147
Description  Power Inlet with Fuse Holder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2147 Datasheet(HTML) 1 Page - Multicomp Pro

  2147 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
23/05/22
Power Inlet with Fuse Holder
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Specifications
Material:
Moulding
: Nylon, Flammability Rating UL 94 V-0
Contacts
: Brass, Pins Nickel Plated, Tags Tin Plated
Rating
: 10A, 250V AC
Contact Resistance
: <10mΩ
Insulation Resistance
: >100MΩ 500V DC Min.
Dielectrics Strength
: 2000V AC/1mA 1Min.
A.C. Breakdown:
Pole-Pole
: 5kV
Poles-Panel
: 4kV
Operating Temperature
: -10°C to +60°C
Fuses Size
: 5mm × 20mm (Not Included)
Screw Size
: M3
Dual Fuse Holder, One Active, One Spare
Diagram
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Power Inlet with Fuse Holder, 10A, 250V AC, 1-Pole Fuse Holder
2147


Similar Part No. - 2147

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
214750 MOLEX-214750 Datasheet
40Kb / 1P
Micro-Fit Connector System
07/27/2020
214750-1022 MOLEX-214750-1022 Datasheet
40Kb / 1P
Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm Length, Tin (Sn) Plating, 2 Circuits, Black
214750-1022 MOLEX-214750-1022 Datasheet
41Kb / 1P
Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm Length, Tin (Sn) Plating, 2 Circuits, Black
214750-1052 MOLEX-214750-1052 Datasheet
40Kb / 1P
Micro-Fit Connector System
07/27/2020
2147501021 MOLEX-2147501021 Datasheet
40Kb / 1P
Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm Length, Tin (Sn) Plating, 2 Circuits, Black
More results

Similar Description - 2147

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
logo
List of Unclassifed Man...
441-R3-13-GRX ETC1-441-R3-13-GRX Datasheet
97Kb / 2P
Fuse Holder
441-R314C-GRX ETC2-441-R314C-GRX Datasheet
103Kb / 2P
Fuse Holder
441-R324-GR ETC2-441-R324-GR Datasheet
73Kb / 2P
Fuse Holder
441-R344B-GR ETC2-441-R344B-GR Datasheet
82Kb / 2P
Fuse Holder
441-R349A-GR ETC2-441-R349A-GR Datasheet
83Kb / 2P
Fuse Holder
logo
Keystone Electronics Co...
3569 KEYSTONE-3569 Datasheet
179Kb / 1P
FUSE HOLDER
9.22.08
logo
WAGO Kontakttechnik Gmb...
811-1316 WAGO-811-1316 Datasheet
291Kb / 6P
2-conductor fuse holder ; with pivoting fuse holder; with test option
29.12.2021
logo
Eaton All Rights Reserv...
BSCR EATON-BSCR Datasheet
262Kb / 1P
Fuse holder
January 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com