Electronic Components Datasheet Search
  English  ▼

X  

EF6805R2 Datasheet(PDF) 16 Page - STMicroelectronics

Part # EF6805R2
Description  8-BIT MICROCOMPUTER UNIT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF6805R2 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button EF6805R2 Datasheet HTML 12Page - STMicroelectronics EF6805R2 Datasheet HTML 13Page - STMicroelectronics EF6805R2 Datasheet HTML 14Page - STMicroelectronics EF6805R2 Datasheet HTML 15Page - STMicroelectronics EF6805R2 Datasheet HTML 16Page - STMicroelectronics EF6805R2 Datasheet HTML 17Page - STMicroelectronics EF6805R2 Datasheet HTML 18Page - STMicroelectronics EF6805R2 Datasheet HTML 19Page - STMicroelectronics EF6805R2 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
A software interrupt (SWI) is an executable instruc-
tion which is executed regardless of the state of the
I bit in the condition code register. SWIs are usually
used as break-points for debugging or a system
calls.
Figure 19 : Typical Interrupt Circuits.
INPUT/OUTPUT CIRCUITRY
There are 32 input/output pins. The INT pin may be
polled with branch instructions to provide an additio-
nal input pin. All pins on ports A, B, and C are pro-
grammable as either inputs or outputs under soft-
ware control of the corresponding data direction re-
gister (DDR). See below I/O port control registers
configuration. The port I/O programming is ac-
complished by writing the corresponding bit in the
port DDR to a logic one for output or a logic zero for
input. On reset all the DDRs are initialized to a logic
zero state, placing the ports in the input mode. The
port output registers are not initialized on reset and
should be initialized by software before changing the
DDRs from input to output. A read operation on a
port programmed as an output will read the contents
of the output latch regardless of the logic levels at
the output pin, due to output loading. Refer to figure
20.
PORT DATA REGISTER
70
Port A Addr = $000
Port B Addr = $001
Port C Addr = $002
Port D Addr = $003
PORT DATA DIRECTION REGISTER (DDR)
70
(1) Write only ; reads as all “1s”
(2) 1 = Output.0 = input Cleared to 0 by Reset
(3) Port A Addr = $004
Port B Addr = $005
Port C Addr = $006
EF6805U3
16/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com