Electronic Components Datasheet Search
  English  ▼

X  

VSIB640 Datasheet(PDF) 1 Page - Multicomp Pro

Part # VSIB640
Description  Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

VSIB640 Datasheet(HTML) 1 Page - Multicomp Pro

  VSIB640 Datasheet HTML 1Page - Multicomp Pro VSIB640 Datasheet HTML 2Page - Multicomp Pro VSIB640 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
27/01/20
Bridge Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Glass passivated
• Ideal for printed circuit board
• Low forward voltage drop, high current capability
Specifications
Reverse Voltage : 400 Volts
Forward Current : 6 Amperes
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
Values
Unit
Max. Recurrent Peak Reverse Voltage
Vrrm
400
V
Max. RMS Voltage
Vrms
280
Max. DC Blocking Voltage
V dc
400
Max. Average Forward (with heatsink Note 2)
Rectified Current at Tc = 100°C
(without heatsink)
I(AV)
6
2.8
A
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Ifsm
150
Max. Forward Voltage at 4 A DC
Vf
1.1
V
Max. DC Reverse Current
at TJ = 25°C
at Rated DC Blocking Voltage
at TJ = 125°C
Ir
10
500
µA
I2t Rating For Fusing (t < 8.3ms)
I2t
120
A2s
Typical Junction Capacitance
per Element (Note 1)
Cj
55
pF
Typical Thermal Resistance (Note 2)
RθJC
1.8
°C / W
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
Tstg
Note:
1. Measured at 1MHz and applied reverse voltage of 4 V DC
2. Device mounted on 75mm × 75mm × 1.6mm Cu plate heatsink


Similar Part No. - VSIB640

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSIB640 VISHAY-VSIB640 Datasheet
202Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
20-Jul-05
VSIB640 VISHAY-VSIB640 Datasheet
96Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
VSIB640 VISHAY-VSIB640 Datasheet
73Kb / 3P
Single-Phase Single In-Line Bridge Rectifiers
26-Jun-13
More results

Similar Description - VSIB640

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com