Electronic Components Datasheet Search
  English  ▼

X  

EF6805U2 Datasheet(PDF) 31 Page - STMicroelectronics

Part # EF6805U2
Description  8-BIT MICROCOMPUTER UNIT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF6805U2 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button EF6805U2 Datasheet HTML 23Page - STMicroelectronics EF6805U2 Datasheet HTML 24Page - STMicroelectronics EF6805U2 Datasheet HTML 25Page - STMicroelectronics EF6805U2 Datasheet HTML 26Page - STMicroelectronics EF6805U2 Datasheet HTML 27Page - STMicroelectronics EF6805U2 Datasheet HTML 28Page - STMicroelectronics EF6805U2 Datasheet HTML 29Page - STMicroelectronics EF6805U2 Datasheet HTML 30Page - STMicroelectronics EF6805U2 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
Device
Package
Oper. Temp.
Screening Level
C
J
P
E
FN
L*
V
T
Std
D
G/B
B/B
EF6805U3
X
X
XX
XX
X
Examples : EF6805U3P, EF6805U3FN, EF6805U3PV, EF6805U3FNV
ORDER CODES
EF6805U3
P
V
Device
Package
Screen level
Oper. temp.
The table below horizontally shows all available suffix combinations for package, operating temperature and
screening level. Other possibilities on request.
Package : C : Ceramic DIL, J: Cerdip DIL, P: Plastic DIL, E: LCCC, FN : PLCC
Oper. temp. : L* : 0
°Cto + 70°C, V: –40 °Cto + 85°C, T: –40°C to + 105°C, *: may be omitted.
Screening level : Std : (no-end suffix), D: NFC 96883 level D,
EXORciser is a registered trademark of MOTOROLA Inc.
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no
responsability for the consequences of use of such information nor for any infringement of patents or other rights of
third parties which may result from its use. No license is granted by implication or otherwise under any patent or
patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change
without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or
systems without the express written approval of SGS-THOMSON Microelectronics.
© 1994 SGS-THOMSON Microelectronics - All rights reserved.
Purchase of I
2C Components by SGS-THOMSON Microelectronics conveys a license under the Philips I2C Patent. Rights to use these
components in an I
2C system is granted provided that the system conforms to the I2C Standard Specification as defined by Philips.
SGS-THOMSON Microelectronics Group of Companies
Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco The Netherlands - Singapore - Spain
Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
EF6805U3
31/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com