Electronic Components Datasheet Search
  English  ▼

X  

S-24CS01A Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-24CS01A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS01A Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-24CS01A Datasheet HTML 4Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 5Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 6Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 7Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 8Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 9Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 10Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 11Page - Seiko Instruments Inc S-24CS01A Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
S-24CS01A/02A/04A/08A
Rev.4.4_00
Seiko Instruments Inc.
8
Table 13
−40 to +85°C
+85 to +105°C
VCC=2.55 to 5.5 V
VCC=4.5 to 5.5 V
Item
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Write time
tWR
—
4.0
10.0
—
4.0
10.0
ms
SCL
SDA
D0
Write data
Acknowledge
Stop Condition
Start Condition
tWR
Figure 8 Write Cycle Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com