Electronic Components Datasheet Search
  English  ▼

X  

BC558 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC558
Description  PNP Epitaxial Silicon Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC558 Datasheet(HTML) 3 Page - ON Semiconductor

  BC558 Datasheet HTML 1Page - ON Semiconductor BC558 Datasheet HTML 2Page - ON Semiconductor BC558 Datasheet HTML 3Page - ON Semiconductor BC558 Datasheet HTML 4Page - ON Semiconductor BC558 Datasheet HTML 5Page - ON Semiconductor BC558 Datasheet HTML 6Page - ON Semiconductor BC558 Datasheet HTML 7Page - ON Semiconductor BC558 Datasheet HTML 8Page - ON Semiconductor BC558 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC556 / BC557 / BC558 / BC559 / BC560 Rev. 1.7
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Thermal Characteristics(1)
Values are at TA = 25°C unless otherwise noted.
Note:
1. PCB size: FR-4, 76 mm x 114 mm x 1.57 mm (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
BC556
-80
V
BC557 / BC560
-50
BC558 / BC559
-30
VCEO
Collector-Emitter Voltage
BC556
-65
V
BC557 / BC560
-45
BC558 / BC559
-30
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current (DC)
-100
mA
ICP
Peak Collector Current (Pulse)
-200
mA
IBP
Peak Base Current (Pulse)
-200
mA
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Symbol
Parameter
Max.
Unit
PD
Total Power Dissipation
500
mW
Derate Above 25
°C4.0
mW/
°C
RθJA
Thermal Resistance, Junction-to-Ambient
250
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com