Electronic Components Datasheet Search
  English  ▼

X  

FDMC2674 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMC2674
Description  N-Channel UltraFET Trench MOSFET 220V, 7.0A, 366mΩ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMC2674 Datasheet(HTML) 3 Page - ON Semiconductor

  FDMC2674 Datasheet HTML 1Page - ON Semiconductor FDMC2674 Datasheet HTML 2Page - ON Semiconductor FDMC2674 Datasheet HTML 3Page - ON Semiconductor FDMC2674 Datasheet HTML 4Page - ON Semiconductor FDMC2674 Datasheet HTML 5Page - ON Semiconductor FDMC2674 Datasheet HTML 6Page - ON Semiconductor FDMC2674 Datasheet HTML 7Page - ON Semiconductor FDMC2674 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDMC2674 Rev.F4
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V
220
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250μA, referenced to 25°C
248
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 176V, VGS = 0V
1
μA
IGSS
Gate to Source Leakage Current
VGS = ±20V, VDS = 0V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250μA
2
3.4
4
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250μA, referenced to 25°C
-10.2
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 1.0A
305
366
m
Ω
VGS = 10V, ID = 1.0A , TJ = 150°C
678
814
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 100V, VGS = 0V,
f = 1MHz
880
1180
pF
Coss
Output Capacitance
70
95
pF
Crss
Reverse Transfer Capacitance
11
20
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 100V, ID = 1.0A
VGS = 10V, RGEN = 2.4Ω
9
18
ns
tr
Rise Time
13
23
ns
td(off)
Turn-Off Delay Time
15
27
ns
tf
Fall Time
21
34
ns
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V V
DD = 15V
ID = 1.0A
12.7
18
nC
Qgs
Gate to Source Gate Charge
3.8
nC
Qgd
Gate to Drain “Miller” Charge
2.9
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = 2.2A
(Note 2)
0.8
1.5
V
trr
Reverse Recovery Time
IF = 1.0A, di/dt = 100A/μs
60
ns
Qrr
Reverse Recovery Charge
109
nC
Notes:
1: RθJA is determined with the device mounted on a 1 in
2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθJA is determined by the
user's board design.
(a)RθJA = 60°C/W when mounted on a 1 in
2 pad of 2 oz copper, 1.5’x1.5’x0.062’ thick PCB.
(b)RθJA = 135°C/W when mounted on a minimum pad of 2 oz copper.
2: Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
3: Starting TJ = 25°C; N-ch: L = 1mH, IAS = 4.7A, VDD = 25V, VGS = 10V.
a. 60°C/W when mounted on a
1 in2 pad of 2 oz copper
b. 135°C/W when mounted on a
minimum pad of 2 oz copper



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com