Electronic Components Datasheet Search
  English  ▼

X  

S-24CS64A Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S-24CS64A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS64A Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S-24CS64A Datasheet HTML 28Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 29Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 30Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 31Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 32Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 33Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 34Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 35Page - Seiko Instruments Inc S-24CS64A Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
2-WIRE CMOS SERIAL E2PROM
S-24CS64A
Rev.3.3_00
Seiko Instruments Inc.
32
2. AC Characteristics
2.1 Maximum operating frequency fMAX.
2.2 Write time tWR
 Power supply voltage VCC
 Power supply voltage VCC
10k
2 3 4 5
Ta
=25°C
VCC (V)
fMAX.
(Hz)
1
100k
1M
VCC (V)
8
4
Ta
=25°C
tWR
(ms)
2
6
0
6
2 3 4 5
1
2.3 Write time tWR
 Ambient temperature Ta
2.4 Write time tWR
 Ambient temperature Ta
VCC
=4.5 V
tWR
(ms)
9
6
3
0
Ta (
°C)
–40
0
85
VCC
=2.7 V
tWR
(ms)
9
6
3
0
Ta (
°C)
–40
0
85
2.5 SDA output delay time tAA
2.6 SDA output delay time tAA
 Ambient temperature Ta
 Ambient temperature Ta
Ta (
°C)
–40
0
85
VCC
=4.5 V
1.0
0.5
tAA
(
µs)
0
Ta (
°C)
–40
0
85
VCC
=2.7 V
1.0
0.5
tAA
(
µs)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com