Electronic Components Datasheet Search
  English  ▼

X  

BC560CTA Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC560CTA
Description  PNP Epitaxial Silicon Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC560CTA Datasheet(HTML) 2 Page - ON Semiconductor

  BC560CTA Datasheet HTML 1Page - ON Semiconductor BC560CTA Datasheet HTML 2Page - ON Semiconductor BC560CTA Datasheet HTML 3Page - ON Semiconductor BC560CTA Datasheet HTML 4Page - ON Semiconductor BC560CTA Datasheet HTML 5Page - ON Semiconductor BC560CTA Datasheet HTML 6Page - ON Semiconductor BC560CTA Datasheet HTML 7Page - ON Semiconductor BC560CTA Datasheet HTML 8Page - ON Semiconductor BC560CTA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC556 / BC557 / BC558 / BC559 / BC560 Rev. 1.7
1
January 2016
BC556 / BC557 / BC558 / BC559 / BC560
PNP Epitaxial Silicon Transistor
Features
• Switching and Amplifier
• High-Voltage: BC556, VCEO = -65 V
• Low-Noise: BC559, BC560
• Complement to BC546, BC547, BC548, BC549, and BC550
Ordering Information
Part Number
Marking
Package
Packing Method
BC556ABU
BC556A
TO-92 3L
Bulk
BC556ATA
BC556A
TO-92 3L
Ammo
BC556BTA
BC556B
TO-92 3L
Ammo
BC556BTF
BC556B
TO-92 3L
Tape and Reel
BC556BTFR
BC556B
TO-92 3L
Tape and Reel
BC557ATA
BC557A
TO-92 3L
Ammo
BC557BTA
BC557B
TO-92 3L
Ammo
BC557BTF
BC557B
TO-92 3L
Tape and Reel
BC558BTA
BC558B
TO-92 3L
Ammo
BC559BTA
BC559B
TO-92 3L
Ammo
BC559CTA
BC559C
TO-92 3L
Ammo
BC560CTA
BC560C
TO-92 3L
Ammo
1. Collector
1 2
3
1
2
3
Straight Lead
Bent Lead
TO-92
Bulk Packing
Tape & Reel
Ammo Packing
2. Base
3. Emitter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com