Electronic Components Datasheet Search
  English  ▼

X  

108 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 108
Description  THM BATTERY HOLDERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

108 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  108 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DWG. 3
Mounting Detail
.050DIA. x
.050 L.LEG
A
W
B MAX.
H
(REF)
L
.140 [3.6]
.038 [0.97]
Tel (718) 956—8900 • Fax (718) 956—9040
(800) 221—5510 • kec@keyelco.com
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
THM LOW PROFILE LITHIUM & ALKALINE CELL HOLDERS
Mounting Detail
.047 [1.19] DIA.
.078 [1.98] DIA.
G
L
1029C
RETAINER
COVER
1024C
108C
1028C
1029LC
RETAINER
COVERS
Mounting Detail
SPECIFICATIONS
Base/Retainer Cover: PBT, UL 94V-0
Contacts: .012 (.30) Stainless Steel, Tin-Nickel Plate
Operating Temp Range: —60ºF to +290ºF (—50ºC to +145ºC)
FEATURES
• Snap—In PC contact holds firmly in position for wave soldering
• Tin Nickel Plated contacts for excellent solderability and durability
• Polarity clearly marked for orientation
•Snap—on retainer cover (optional) retains battery securely to withstand
shock and vibration. Helps protect against shorting. Tamper—proof.
APPLICATIONS
• Computer memory, power backup systems.
• Telecommunications
• Residential, industrial and commercial security systems
• PLC and industrial controls
THM LOW PROFILE
THM ULTRA LOW PROFILE
DWG. 1
DWG. 2
BATTERY RELEASE
(2) PLS.
H (REF)
W
B MAX
.025 [.64]
(2) PLS
.050 [1.22]
x .060 [1.52] L.
.178 [4.5]
L
A
F
L
.047 [1.2] DIA. HOLE
(4) PLS
G
.078 [2.0]
DIA. HOLE
L
B MAX.
W
A
F
H
REF
.140 [3.6]
.050 [1.3] DIA. x
.050 [1.3]L. LEG
.038 [0.97]
.032 [.81] DIA
(2) PLS.
.031 [.79]
.053 [1.35] DIA
G
L
1020C
1024C
RETAINER
COVERS
1022C
1018C
SPECIFICATIONS
Base: High Temp Nylon 46, — UL 94V—0
Contacts: .012 (.30) Phosphor Bronze, Tin-Nickel Plate
Operating Temp Range: -60ºF to +290ºF (-50ºC to +145ºC)
18
Finish: Tin-Nickel Plate
Finish: Tin-Nickel Plate
Finish: Tin Plate
.140
[3.56]
.125 [3.2] DIA.
(2) PLS.
.062 [1.57] DIA.
X .062 [1.57] L. LEG
A
F
L
B MAX.
H
REF.
.038 [0.97]
W
Mounting Detail
.047 [1.19]
DIA.
.094 [2.39]
DIA.
G
L
HOLDER COVER
CAT.
CAT.
DWG
H
B
CELL
NO.
NO.
NO.
L
W
(Ref. Dim)
A
(MAX)
F
G
SIZE
BATTERY CROSS REFERENCE
1015
1024C
1
2.145 (54.5) .612 (15.5) .603 (15.3) 2.040 (51.8) 2.359 (59.9)
—
.265 (6.7)
“AA”
Energizer, Duracell, Panasonic, Sanyo, Varta, Rayovac, Tadiran
1013
1012C
2
2.145 (54.5) 1.180 (30.0) .603 (15.3) 2.040 (51.8) 2.359 (59.9) .568 (14.4) .265 (6.7)
“AA”
Energizer, Duracell, Panasonic, Sanyo, Varta, Rayovac, Tadiran
1021
1020C
1
1.933 (49.1) .500 (12.7) .445 (11.3) 1.810 (46.0) 2.140 (54.4)
—
.209 (5.3) “AAA” Energizer, Duracell, Panasonic, Sanyo, Varta, Rayovac, Tadiran
1023
1022C
2
1.933 (49.1) .875 (22.2) .445 (11.3) 1.810 (46.0) 2.140 (54.4) .430 (10.9) .182 (4.6) “AAA” Energizer, Duracell, Panasonic, Sanyo, Varta, Rayovac, Tadiran
1019
1018C
1
1.487 (37.8)
.720 (18.3) .682 (17.3) 1.365 (42.9) 1.690 (42.9)
—
.319 (8.1) “2/3 A”
Duracell DL2/3A, Kodak K123L, Panasonic CR123A, Saft 450SC & VR0450,
Sanyo CR17335SE
1017
1024C
1
1.156 (29.4) .612 (15.5) .603 (15.3) 1.030 (26.2) 1.360 (34.5)
—
.265 (6.7) “1/2 AA”
Energizer 544, Duracell PX28L, Kodak K28A & KS28, Saft LCP3,
Maxell 4LR44, Sanyo CR14250SE
503
—
3
.450 (11.4) .540 (13.7) .506 (12.9) .430 (10.9)
.570 (14.5)
—
.240 (6.1) “1/3 N” Duracell DL1/3N, Sanyo K58L, Energizer CR1/3N
www.keyelco.com
31—07 20th Road – Astoria, NY 11105—2017
“1/3N” • “AAA” • “1/2AA • “CR2” • “AA” • “2/3A”
“1/3N”
SINGLE
DUAL
HOLDER COVER
CAT.
CAT.
HB
CELL
NO.
NO.
L
W
(Ref. Dim)
A
(MAX)
F
G
SIZE
BATTERY CROSS REFERENCE
Energizer 544, CR2, Duracell PX28L, CR2, Kodak K28A & KS28,
108
108C
1.160 (29.5) .640 (16.3)
.633 (16.1)
1.030 (26.2) 1.360 (34.5)
.610 (15.5)
.279 (7.1)
“1/2 AA”
CR2, Panasonic CR14250, CR2, Saft LCP3, Maxell 4LR44, CR2,
“CR2”
Sanyo CR14250SE, CR2
1028
1024C
1028C
2.160 (54.9) .640 (16.3)
.633 (16.1)
2.040 (51.8) 2.360 (59.9) 1.610 (40.9)
.279 (7.1)
“AA”
Energizer, Duracell, Panasonic, Sanyo, Varta, Rayovac, Tadiran
1029
1029C
1.500 (38.1) .720 (18.3)
.712 (18.1)
1.375 (34.9) 1.700 (43.2) .950 (24.1)
.320 (8.1)
“2/3 A”
Duracell DL2/3A, Kodak K123L, Panasonic CR123A,
1029LC
Saft 450SC & VR0450, Sanyo CR17335SE


Similar Part No. - 108

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
108 RIEDON-108 Datasheet
359Kb / 2P
Precision Wirewound Resistors
108 RIEDON-108 Datasheet
318Kb / 2P
Precision Wirewound Resistors
logo
Alpha Wire
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
108 ALPHAWIRE-108 Datasheet
99Kb / 4P
Customer Specification
11/30/2022
logo
Campbell Scientific Uni...
108 CAMPBELL-108 Datasheet
294Kb / 1P
Temperature Probe
06/26/2020
More results

Similar Description - 108

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH-25 ADAM-TECH-BH-25 Datasheet
155Kb / 1P
BATTERY HOLDERS COIN CELL BATTERY HOLDERS
logo
Elektron Components Ltd...
BX0011 BULGIN-BX0011 Datasheet
95Kb / 1P
BATTERY HOLDERS Panel Mounting
BX0016 BULGIN-BX0016 Datasheet
107Kb / 1P
BATTERY HOLDERS
BX0034 BULGIN-BX0034 Datasheet
462Kb / 7P
Battery Holders
BX0036 BULGIN-BX0036 Datasheet
97Kb / 1P
BATTERY HOLDERS PC/Base Mounting
logo
List of Unclassifed Man...
146 ETC2-146 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
12BH331C-GR ETC2-12BH331C-GR Datasheet
147Kb / 1P
3 AA Battery Holders
logo
Adam Technologies, Inc.
BH-13-3 ADAM-TECH-BH-13-3 Datasheet
81Kb / 1P
BATTERY HOLDERS
BH-21-3 ADAM-TECH-BH-21-3 Datasheet
85Kb / 1P
BATTERY HOLDERS
logo
Keystone Electronics Co...
1043 KEYSTONE-1043 Datasheet
118Kb / 1P
THM BATTERY HOLDER
8.19.10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com