Electronic Components Datasheet Search
  English  ▼

X  

295 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 295
Description  BATTERY CONTACTS FOR MOLDED CASES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

295 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  295 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12
SNAP-ON CONTACTS
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
• Economical and reliable contacts are ideal for molded cases with self contained battery compartments
• Solder “ear” to facilitate soldering of wire lead
• Unique spring tension contact adjusts to variations in battery length
• Reliable spring tension contacts assure low contact resistance
• Clips easily onto .060 (1.52) to .070 (1.78) wall
• Sharp barbs securely anchor contact in place
MATERIAL
: .010 (.25) Spring Steel, Nickel Plate
MATERIAL
: .010 (.25) Spring Steel, Nickel Plate
MATERIAL
: .010 (.25) Spring Steel, Nickel Plate
MATERIAL
: .010 (.25) Spring Steel, Nickel Plate
MATERIAL
: .010 (.25) Spring Steel, Nickel Plate
MATERIAL
: .010 (.25) Spring Steel, Nickel Plate
CAT. NO. 204
CAT. NO. 238
CAT. NO. 202
CAT. NO. 294
.358
[9.1]
.322
[8.2]
.062
[1.57]
.250
[6.4]
.187
[4.6]
REF.
.187
[4.8]
.109 [2.8]
Refer to page 34 for Battery Contact Layout & Mounting Details
.234
[5.9]
.187 [4.8]
DIA.
.125 [3.2]
DIA.
.180
[4.6]
.047
[1.19]
.281 [7.1]
REF.
.011 [.29]
.338
[8.6]
.250 [6.4] TYP.
.410 [10.4]
.358
[9.1]
.660 [16.8]
.358
[9.1]
.341
[8.7]
.187 [4.8]
REF.
.302
[7.7]
.180
[4.6]
.021 [.53]
.125 [3.18] DIA.
.187 [4.76] DIA.
.410 [10.4]
.300 [7.6]
.660 [16.8]
.338
[8.6]
CAT. NO. 295
CAT. NO. 296
.250 [6.4] TYP.
.410 [10.4]
.660 [16.8]
.358
[9.1]
.341
[8.7]
.021 [.53]
.180
[4.6]
.187 [4.8]
REF.
.410 [10.4]
.341
[8.7]
.180
[4.6]
.660 [16.8]
.250 [6.4] TYP.
.021 [.53]
.187 [4.8]
REF.
.358
[9.1]
MATERIAL: 012 (.30) Spring Steel, Nickel Plate
CAT. NO. 209
CAT. NO. 292
CAT. NO. 228
CAT. NO. 291 Right
MATERIAL: 010 (.25) Spring Steel, Nickel Plate
MATERIAL: 010 (.25) Spring Steel, Nickel Plate
CAT. NO. 290 Left (shown)
MATERIAL: 012 (.30) Spring Steel, Nickel Plate
MATERIAL: .012 (.30) Spring Steel, Nickel Plate
CAT. NO. 288
MATERIAL: 012 (.30) Spring Steel, Nickel Plate
CAT. NO. 210
• The (2) two leaf contacts are held together by a web.
This design offers greater stability.
.476
[12.1]
.250
[6.4]
.062 [1.6]
.312
[7.9]
.254
[6.5]
REF.
.150 [3.8] DIA.
.820 [20.8]
.450
[11.4]
.240
[6.1]
.035 [.89]
.375 [9.5]
REF.
.570 [14.5]
.370
[9.4]
.250
[6.3]
.820 [20.8]
.250
[6.3]
.570 [14.5]
.175 [4.4] DIA.
.027 [0.7]
.449
[11.4]
.250
[6.4]
REF.
.256
[6.5]
.240 [6.1]
.254
[6.5]
REF.
.250
[6.3]
.250
[6.3]
.820 [20.8]
.570 [14.5]
.055 [1.4]
.256
[6.5]
.461
[11.7]
.062 [1.57]
.375 [9.5]
REF
.025 [0.6]
.450
[11.4]
.240
[6.1]
.175 [4.4]
DIA.
.312
[7.9]
.250
[6.3]
.250
[6.3]
.820 [20.8]
.570 [14.5]
.254
[6.5]
REF.
.055 [1.4]
.256
[6.5]
.461
[11.7]
• The (2) two leaf contacts are separate, allowing a
divider between the batteries.
“AAA” • “AAAA” • “N” • “12V”
“AA” • “CR2” • “A”
“AA”
M60Section1FRevA4-COLOR 4/4/13 4:23PM Page14


Similar Part No. - 295

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
295 CTS-295 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
logo
Bud Industries, Inc.
295 BUD-295 Datasheet
28Kb / 1P
#10-32 x 5/8 LG, TRUSS HD, SCREW #10-32 NUT RETAINER
logo
Alpha Wire
295 ALPHAWIRE-295 Datasheet
97Kb / 3P
Customer Specification
2/20/2023
logo
Abbatron All Rights Res...
295 ABBATRON-295 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Alpha Wire
295 ALPHAWIRE-295 Datasheet
345Kb / 3P
Customer Specification
7/5/2017
More results

Similar Description - 295

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E989 HAMAMATSU-E989 Datasheet
88Kb / 1P
Magnetic Shield Cases
logo
List of Unclassifed Man...
G738 ETC1-G738 Datasheet
344Kb / 2P
Desktop Cases
8554 ETC2-8554 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
5222 ETC2-5222 Datasheet
457Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
5242 ETC2-5242 Datasheet
142Kb / 2P
BATTERY CONTACTS FOR MOLDED CASES
G749A ETC2-G749A Datasheet
130Kb / 1P
Desktop Cases
G753 ETC2-G753 Datasheet
132Kb / 1P
Desktop Cases
M5700613 ETC2-M5700613 Datasheet
297Kb / 1P
ACCESSORIES FOR METTEC DESK CASES
400-1541-GR ETC2-400-1541-GR Datasheet
206Kb / 2P
Molded ABS Plastic Cases
400-1542-GR ETC2-400-1542-GR Datasheet
46Kb / 2P
Molded ABS Plastic Cases
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com