Electronic Components Datasheet Search
  English  ▼

X  

5017 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 5017
Description  SMT TEST POINTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

5017 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  5017 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(SMT) SURFACE MOUNT TEST POINTS ON TAPE & REEL
MICRO MINIATURE
SPECIFICATIONS
Contact Material:
.010 (.25) Phosphor Bronze
Contact Finish: Silver Plate
Tape Material: 8mm wide; 4mm pitch;
conductive polycarbonate carrier tape
meets ANSI/EIA-481 standard
SPECIFICATIONS
Contact Material:
.015 (.38) Phosphor Bronze
Contact Finish: Silver Plate
Tape Material: 12mm wide; 4mm pitch;
conductive polycarbonate carrier tape
meets ANSI/EIA-481 standard
.150 [3.80]
MIN.
.080 [2.03]
MIN.
• Manufactured using flat wire to provide a large mounting
surface area
• Ideal for use with miniature probes, clips, and hooks
• Efficient, safe, board level testing
• Ultra low profile, ideally suited for advanced surface mount
printed circuit board applications
• Designed for long life and durability
• Ideal for use with most standard probes, clips and hooksS
• Efficient, safe, board level testing
• Unique design provides exceptional strength and durability
• Simplifies testing on dense SMT circuit boards
Pad Layout
Pad Layout
.135
[3.4]
.070
[1.80]
.105 [2.7]
.040 [1.00]
.040 [1.00]
.060
[1.50]
MINIATURE
SUPPLIED ON TAPE AND REEL
SUPPLIED ON TAPE AND REEL
CAT. NO. 5015 - 1000 pieces per reel
CAT. NO. 5017 - 5000 pieces per reel
CAT. NO. 5019 - 1000 pieces per reel
CAT. NO. 5029 - 5000 pieces per reel
.040 [1.02]
.090
[2.29]
.080
[2.03]
.150 [3.81]
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
61
SPECIFICATIONS
Contact Material:
.015 (.38) Phosphor Bronze
Contact Finish: Silver Plate
Tape Material: 12mm wide; 4mm pitch;
conductive polycarbonate carrier tape
meets ANSI/EIA-481 standard
.185 [4.7]
.135
[3.4]
• Ideal for use with standard probes, clips and hooks
• Efficient, safe, board level testing
• Unique design provides exceptional strength
and durability
• Simplifies testing on dense SMT circuit boards
Pad Layout
COMPACT
SUPPLIED ON TAPE AND REEL
CAT. NO. 5016 - 1000 pieces per reel
CAT. NO. 5018 - 5000 pieces per reel
.040 [1.00]
.090 [2.30]
.112 [2.8]
.150 [3.8]
CAT.
INSULATOR
NO.
COLOR
5044
NONE
5045
RED
5046
BLACK
5048 SCREW INSTALLED
SMALL CLIP
• Solder Connection with Strain Relief
• Insulated or Non-Insulated
MATERIAL:
Clip: Steel, Nickel Plate
Insulator: Vinyl
MEDIUM CLIP
• Solder Connection with Strain Relief
• Insulated or Non-Insulated
MATERIAL:
Clip: Steel, Nickel Plate
Insulator: Vinyl
LARGE CLIP
• Solder Connection or Screw Connection
(Barrel Accepts Wire or Standard Banana Plugs)
• Insulated or Non-Insulated
MATERIAL:
Clip: Steel, Nickel Plate
Insulator: Vinyl
JAW SPREAD
.236 (6.0) max.
JAW SPREAD
.315 (8.0) max.
ALLIGATOR CLIPS
CAT. INSULATOR
NO.
COLOR
5033
NONE
5034
RED
5035
BLACK
5036
GREEN
5037
YELLOW
CAT. INSULATOR
NO.
COLOR
5038
NONE
5039
RED
5040
BLACK
JAW SPREAD
.236 (6.0) max.
1.97 (50.0)
5048 only
.445
(11.3)
.750 (19.1)
1.40 (35.5)
.335 (8.5)
1.06 (27.0)
.295 (7.5)
M60Section3FREV1A4_11-2011 4/5/13 2:39PM Page61


Similar Part No. - 5017

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5017 SCHURTER-5017 Datasheet
312Kb / 2P
IEC Appliance Outlet J, Screw-on Mounting, Front Side, Quick-connect Terminal
5017 SCHURTER-5017 Datasheet
202Kb / 3P
IEC Appliance Outlet J, Screw-on Mounting, Front Side, Quick-connect Terminal
5017 SCHURTER-5017 Datasheet
203Kb / 3P
IEC Appliance Outlet J, Screw-on Mounting, Front Side, Quick-connect Terminal
05.01.2022
logo
List of Unclassifed Man...
5017-009 ETC2-5017-009 Datasheet
172Kb / 3P
Closeout sale in progress
5017-011 ETC2-5017-011 Datasheet
137Kb / 3P
NEMA 17 Step Motor
More results

Similar Description - 5017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5014 ETC2-5014 Datasheet
462Kb / 1P
THM TEST POINTS
logo
Maxim Integrated Produc...
MAX1473EVKIT MAXIM-MAX1473EVKIT Datasheet
294Kb / 6P
Multiple Test Points Provided On-Board
Rev 1; 5/05
DS2488EVKIT MAXIM-DS2488EVKIT Datasheet
1Mb / 11P
Convenient On-Board Test Points
Rev 0; 9/20
MAX197EVKIT MAXIM-MAX197EVKIT Datasheet
199Kb / 14P
Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1258EVC16 MAXIM-MAX1258EVC16 Datasheet
486Kb / 41P
Convenient On-Board Test Points
Rev 1; 5/07
MAX1246EVKIT MAXIM-MAX1246EVKIT Datasheet
116Kb / 8P
Convenient On-Board Test Points
Rev 1; 6/97
MAX1241EVKIT MAXIM-MAX1241EVKIT Datasheet
1Mb / 16P
Convenient On-Board Test Points
Rev 1; 8/97
MAX6651EVCMAXQU MAXIM-MAX6651EVCMAXQU Datasheet
252Kb / 8P
Convenient On-Board Test Points
Rev 1; 5/07
MAX14550EEVKIT MAXIM-MAX14550EEVKIT Datasheet
1,008Kb / 6P
Test Points for Easy Evaluation
Rev 0; 9/09
MAX31889EVSYS MAXIM-MAX31889EVSYS Datasheet
1Mb / 12P
Easy to Reach Test Points
319-100468; Rev 2; 11/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com