Electronic Components Datasheet Search
  English  ▼

X  

614 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 614
Description  THREADED MOUNTING BRACKETS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

614 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  614 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
114
MATERIAL:
.062 (1.57) Steel, Zinc Plate
4-40 THREAD
4-40 THREAD
6-32 THREAD
.250
[6.4]
.343
[8.7]
.203
[5.2]
.250 [6.4]
.375 [9.5]
4-40
THREAD
.062 [1.57]
.130 [3.3] DIA.
.187 [4.8]
.265
[6.8]
.453
[11.5]
.312 [7.9]
.250
[6.4]
.047 [1.19]
.136 [3.5] DIA.
4-40
THREAD
4-40 THREAD
6-32 THREAD
.343
[8.7]
.203
[5.2]
4-40
THREAD
.375 [9.5]
.250 [6.4]
.250
[6.4]
.062 [1.57]
.165 [4.2]
.250 [6.4]
.312 [7.9]
.420
[10.7]
.343 [8.7]
.032 [.81]
.144 [3.7] DIA.
6-32
THREAD
.375 [9.5]
.312
[7.9]
.281
[7.2]
.437 [11.1]
.218 [5.6]
.781
[19.9]
.136 [3.5]
DIA.
(2) PLS
.037 [.94]
8-32
THREAD
6-32 THREAD
.390 [9.9]
.218 [5.6]
.625
[15.9]
.437
[11.1]
.312 [7.9]
1.230
[31.3]
.062 [1.57]
.130 [3.3]
DIA.
(2) PLS
6-32
THREAD
.312 [7.9]
.234 [6.0]
.422 [10.7]
.250 [6.4]
.375
[9.5]
.037 [.94]
.135 [3.5] DIA.
8-32
THREAD
8-32 THREAD
CAT. NO. 612
CAT. NO. 621
CAT. NO. 616
CAT. NO. 634
CAT. NO. 614
CAT. NO. 4334
CAT. NO. 708
CAT. NO. 617
CAT. NO. 611
CAT. NO. 631
MATERIAL:
.062 (1.57) Steel, Zinc Plate
MATERIAL:
.047 (1.19) Brass, Tin Plate
MATERIAL:
.032 (.81) Brass, Tin Plate
MATERIAL:
.032 (.81) Brass, Nickel Plate
MATERIAL:
.062 (1.57) Steel, Nickel Plate
MATERIAL:
.062 (1.57 Steel, Nickel Plate
MATERIAL:
.062 (1.57) Steel, Tin Plate
MATERIAL:
.062 (1.57) Brass, Nickel Plate
MATERIAL:
.037 (.94) Brass, Tin Plate
MATERIAL:
.037 (.94) Steel, Tin Plate
6-32 THREAD
.281 [7.2]
.218 [5.6]
.218 [5.6]
.375
[9.5]
.375 [9.5]
.032 [.81]
.140 [3.6] DIA.
6-32
THREAD
.500 [12.7]
.412 [10.5]
.412
[10.5]
.562
[14.3]
.562 [14.3]
6-32
THREAD
.062 [1.57]
.500 [12.7]
.299 [7.6]
.328
[8.4]
.578
[14.7]
.500 [12.7]
.062 [1.57]
.165 [4.2] DIA.
6-32
THREAD
.187 [4.8]
.218
[5.6]
.312 [7.9]
.531
[13.5]
.500 [12.7]
THREAD
.062 [1.57]
.156 [4.0] DIA.
.218 [5.6] RADIUS
6-32 THREAD
6-32 THREAD
6-32 OR 8-32 THREAD
8-32 THREAD
CAT. NO. THREAD
4332
6-32
4333
8-32
THREADED MOUNTING BRACKETS
.100 [2.5]
6-32 THREAD
.379 [9.6]
.300
[7.6]
.340 [8.6]
.200 [5.1]
.200
[5.1]
.120 [3.1]
CAT. NO. 632
MATERIAL:
.032 (.81) Brass, Tin Plate
M60Section7FREV1A1_11-2011 3/26/13 3:02PM Page114


Similar Part No. - 614

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
614-13-108-12-051-101 PREDIP-614-13-108-12-051-101 Datasheet
53Kb / 1P
Pin grid array sockets Carrier types
614-13-108-12-051-112 PREDIP-614-13-108-12-051-112 Datasheet
53Kb / 1P
Pin grid array sockets Carrier types
logo
Marl International Limi...
614-530-04 MARL-614-530-04 Datasheet
155Kb / 2P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
614-530-04 MARL-614-530-04 Datasheet
324Kb / 4P
614 Bi Colour series
614-530-04 MARL-614-530-04_13 Datasheet
324Kb / 4P
614 Bi Colour series
More results

Similar Description - 614

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
SLIMCAB SERIES MOUNTING BRACKETS
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
Mounting Brackets
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
Mounting Brackets
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
Panduct Snap-Clip Mounting Brackets
logo
SICK AG
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
Mounting brackets and plates
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
Mounting brackets
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
Mounting brackets
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
Mounting brackets and plates
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
Mounting brackets and plates
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com