Electronic Components Datasheet Search
  English  ▼

X  

583SYGD Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 583SYGD
Description  5.0*5.0mm Square Type LED Lamps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

583SYGD Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  583SYGD Datasheet HTML 1Page - Everlight Electronics Co., Ltd 583SYGD Datasheet HTML 2Page - Everlight Electronics Co., Ltd 583SYGD Datasheet HTML 3Page - Everlight Electronics Co., Ltd 583SYGD Datasheet HTML 4Page - Everlight Electronics Co., Ltd 583SYGD Datasheet HTML 5Page - Everlight Electronics Co., Ltd 583SYGD Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data Sheet
5.0*5.0mm Square Type LED Lamps
█
Features :
●
Choice of various viewing angles
●
Available on tape and reel.
●
Reliable and robust
●
Pb free
█
Descriptions :
●
The series is specially designed for
applications requiring higher
brightness
●
The led lamps are available with
different colors, intensities.
█
Applications :
●
TV set
●
Monitor
●
Telephone
●
Computer
583SYGD/S530-E2
AlGaInP
Super Yellow Green
Green Diffused
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 1 of 6
Device Number :
CDLE-058-027
Prepared date: 2005/6/29
Prepared by:
Lan Feng
BG0506050,R0502583
583SYGD/S530-E2
Lens Color
PART NO.
Material
Emitted Color


Similar Part No. - 583SYGD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
583SYGD-S530-E2 EVERLIGHT-583SYGD-S530-E2 Datasheet
116Kb / 6P
5.0*5.0mm Square Type LED Lamps
583SYGD-S530-E2 EVERLIGHT-583SYGD-S530-E2_15 Datasheet
117Kb / 6P
5.0*5.0mm Square Type LED Lamps
More results

Similar Description - 583SYGD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
583GD EVERLIGHT-583GD Datasheet
92Kb / 6P
Technical Data Sheet 5.0*5.0mm Square Type LED Lamps
2004/6/26
583SURD EVERLIGHT-583SURD Datasheet
78Kb / 4P
5.0*5.0mm Square Type LED Lamps
583SDRD EVERLIGHT-583SDRD Datasheet
91Kb / 6P
5.0*5.0mm Square Type LED Lamps
583UYD EVERLIGHT-583UYD Datasheet
113Kb / 6P
5.0*5.0mm Square Type LED Lamps
583SURD-S530-A3 EVERLIGHT-583SURD-S530-A3 Datasheet
119Kb / 5P
5.0*5.0MM SQUARE TYPE LED LAMPS
583SYGD-S530-E2 EVERLIGHT-583SYGD-S530-E2 Datasheet
116Kb / 6P
5.0*5.0mm Square Type LED Lamps
583UYD-S530-A3 EVERLIGHT-583UYD-S530-A3 Datasheet
118Kb / 6P
5.0*5.0mm Square Type LED Lamps
583SURD-S530-A3 EVERLIGHT-583SURD-S530-A3_15 Datasheet
119Kb / 5P
5.0*5.0mm Square Type LED Lamps
583SYGD-S530-E2 EVERLIGHT-583SYGD-S530-E2_15 Datasheet
117Kb / 6P
5.0*5.0mm Square Type LED Lamps
583UYD-S530-A3 EVERLIGHT-583UYD-S530-A3_15 Datasheet
118Kb / 6P
5.0*5.0mm Square Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com