Electronic Components Datasheet Search
  English  ▼

X  

74LVC4245AD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC4245AD
Description  Octal dual supply translating transceiver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC4245AD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC4245AD Datasheet HTML 2Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 3Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 4Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 5Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 6Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 7Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 8Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 9Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74LVC4245A_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 18 January 2008
6 of 17
NXP Semiconductors
74LVC4245A
Octal dual supply translating transceiver; 3-state
∆I
CC
additional supply current
per control pin; IO =0A
[3]
VCCB = 2.7 V to 3.6 V;
VI =VCCB − 0.6 V;
other inputs at VCCB or GND
-
5
500
µA
VCCA = 4.5 V to 5.5 V;
VI =VCCA − 0.6 V;
other inputs at VCCA or GND
-
5
500
µA
CI
input capacitance
-
4.0
-
pF
CI/O
input/output capacitance
An and Bn
-
5.0
-
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCCB = 2.7 V to 3.6 V
2.0
-
-
V
VCCA = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCCB = 2.7 V to 3.6 V
-
-
0.8
V
VCCA = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output voltage VI =VIH or VIL
VCCB = 2.7 V to 3.6 V; IO = −100 µAVCCB − 0.3
-
-
V
VCCB = 2.7 V; IO = −12 mA
VCCB − 0.65 -
-
V
VCCB = 3.0 V; IO = −24 mA
VCCB − 1.0
-
-
V
VCCA = 4.5 V to 5.5 V; IO = −100 µAVCCA − 0.3
-
-
V
VCCA = 4.5 V; IO = −12 mA
VCCA − 0.65 -
-
V
VCCA = 4.5 V; IO = −24 mA
VCCA − 1.0
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
VCCB = 2.7 V to 3.6 V; IO = 100 µA
-
-
0.30
V
VCCB = 2.7 V; IO = 12 mA
-
-
0.60
V
VCCB = 3.0 V; IO = 24 mA
-
-
0.80
V
VCCA = 4.5 V to 5.5 V; IO = 100 µA
-
-
0.30
V
VCCA = 4.5 V; IO = 12 mA
-
-
0.60
V
VCCA = 4.5 V; IO = 24 mA
-
-
0.80
V
II
input leakage current
VI = 5.5 V or GND
-
-
±20
µA
IOZ
OFF-state output current
VI =VIH or VIL
[2]
VCCB = 3.6 V; VO = VCCB or GND
-
-
±20
µA
VCCA = 5.5 V; VO = VCCA or GND
-
-
±20
µA
ICC
supply current
IO =0 A
VCCB = 3.6 V;
other inputs at VCCB or GND
--
40
µA
VCCA = 5.5 V;
other inputs at VCCA or GND
--
40
µA
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com